Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FBL22033 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. FBL22033
Description  3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

FBL22033 Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
FBL22033
3.3V BTL 8-bit latched/registered/pass-thru
universal transceiver with 30
Ω termination
1999 Apr 15
9
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (B TO A)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V
Tamb = –40 to +85°C,
VCC = 3.3V±10%
UNIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation delay,
Bn to An through mode
2.2
2.9
4.6
5.4
7.0
7.8
1.6
2.5
8.1
9.2
ns
tPLH
tPHL
Propagation delay,
Bn to An transparent latch
3.1
3.0
5.6
5.6
8.1
8.1
2.1
2.8
9.6
9.4
ns
tPLH
tPHL
Propagation delay,
LCAB to An latch
1.9
1.7
3.7
3.5
6.1
5.2
1.3
1.2
7.5
6.0
ns
tPLH
tPHL
Propagation delay,
LCAB to An register
1.7
2.3
3.9
4.3
6.0
6.2
1.1
1.9
7.1
7.0
ns
tPLH
tPHL
Propagation delay,
SABX to An inverting
2.1
2.6
4.5
4.9
6.8
7.1
1.6
2.1
8.2
7.7
ns
tPLH
tPHL
Propagation delay,
SABX to An non-inverting
1.2
1.9
4.1
4.3
9.2
6.6
1.0
1.6
9.9
7.5
ns
tPLH
tPHL
Propagation delay,
AIn to AOn loopback
2.2
2.2
4.5
4.5
6.7
6.7
1.5
1.6
7.9
7.8
ns
tPLH
tPHL
Propagation delay,
LPBK to An non-inverting or inverting
1.7
1.2
4.6
5.4
7.5
9.6
1.5
1.0
9.3
11.1
ns
tPZH
tPHZ
Propagation delay,
OEA to An
2.1
2.3
4.6
5.2
6.8
8.1
1.8
2.0
7.7
9.2
ns
tPZH
tPHZ
Propagation delay,
OEA to An
2.0
1.2
4.5
3.0
7.0
4.7
1.8
1.0
7.6
5.3
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn