Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FBL22031 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. FBL22031
Description  9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

FBL22031 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
FBL22031
9-bit BTL 3.3V latched/registered/pass-thru
Futurebus+ transceiver with 30
Ω termination
2000 Apr 18
6
LOGIC DIAGRAM
Decode
Out
In
46
45
OEB0
OEB1
47
OEA
14
A8
DQ
Clk
24
B8
38
18
LCAB
20
SEL0
28
30
32
34
36
BTL
TMS
TCK
TDI
TDO
42
44
22
21
(JTAG Boundary Scan pins)
LOGIC GND
=
1, 3, 5, 7, 9, 11, 13, 51
BUS GND
=
25, 27, 29, 31, 33, 35, 37, 39, 41
BIAS V
=
48
VCC
=
23, 43, 49
BG VCC
=17
BG GND
=
19
DQ
E
MUX
A
⇒ B
QD
MUX
A
⇒ B
26
B7
12
A7
MUX
A
⇐ B
52
10
8
6
4
2
TTL
A1
MUX
A
⇒ B
MUX
A
⇐ B
B1
40
50
MUX
A
⇒ B
MUX
A
⇐ B
B0
DQ
Clk
DQ
E
DQ
Clk
DQ
E
D
Q
Clk
D
Q
E
D
Q
Clk
D
Q
E
D
Q
E
DQ
E
DQ
Clk
D
Q
Clk
D
Q
E
15
SEL1
16
LCBA
D
Q
Clk
MUX
A
⇐ B
A0
SG00061


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn