Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4805SEW Datasheet(PDF) 2 Page - Recom International Power

Part # RP20-4805SEW
Description  20 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4805SEW Datasheet(HTML) 2 Page - Recom International Power

  RP20-4805SEW Datasheet HTML 1Page - Recom International Power RP20-4805SEW Datasheet HTML 2Page - Recom International Power RP20-4805SEW Datasheet HTML 3Page - Recom International Power RP20-4805SEW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range
24V nominal input
9-36VDC
48V nominal input
18-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load) (see Note 3)
25mAp-p
Start Up Time (nominal Vin and constant resistor load)
20ms typ.
Remote ON/OFF (see Note 7)
DC-DC ON
Open or 3.5V < Vr < 12V
( Positive logic )
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
20mA
Output Power
20W max.
Output Voltage Accuracy (full Load and nominal Vin)
Single & Dual
±2%
Auxiliary
±5%
Voltage Adjustability
±10%
Line Regulation (low line, high line at full load)
Single (W)
±0.2%
Dual (W)
±0.5%
Auxiliary
±5%
Minimum Load (see Note 1)
10% of full load
continued on next page
Derating-Graph (Ambient Temperature)
POWERLINE
DC/DC-Converter
RP20-S_DEW
Series
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60 70 80 90 100
Natural Convection
-40
56°C
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60
80 90 100
Natural Convection
-40
70
65°C
RP20-2412SEW
RP20-2412SEW With Heat Sink
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60 70 80 90 100
Natural Convection
-40
64°C
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60
80 90 100
Natural Convection
-40
70
71°C
RP20-2412DEW
RP20-2412DEW With Heat Sink
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a
part-number not shown here please contact our technical customer service at info@recom-development.at
July-2006
www.recom-international.com
252


Similar Part No. - RP20-4805SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4805SEW RECOM-RP20-4805SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
More results

Similar Description - RP20-4805SEW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com