Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN212ACGFX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FIN212ACGFX
Description  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACGFX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN212ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 9Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 10Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 11Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 12Page - Fairchild Semiconductor FIN212ACGFX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.1
9
Application Diagrams (Continued)
Figure 5.
8-Bit YUV 1.3MPixel CMOS Imager (Example Shows BGA 42-Pin Package)
Serializer Configuration:
PLL Frequency Mode: MODE 3 (S1=S0=1) 10-30MHz Frequency Range
PLL Divide Mode: Standard Not Over-Clocked (PLL1=0, PLL0=1) Multiplier 7x
Master Clock Bypass Mode: (clock passes from CKSI to CKP)
Deserializer Configuration:
Edge Rate Mode: Fast MODE 1 (S1=0, S0=1)
Pulse Width Mode: Standard Non-Inverting, (PWS1=PWS0=0) Pulse Width; 3.5 x Serial CLK Period
Master Clock Bypass Mode: Clock passes from STROBE to CKSO


Similar Part No. - FIN212ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN212ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com