Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN212ACMLX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FIN212ACMLX
Description  12-Bit Serializer Deserializer with Multiple Frequency Ranges
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN212ACMLX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN212ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 13Page - Fairchild Semiconductor FIN212ACMLX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN212AC Rev. 1.0.1
10
Application Diagrams (Continued)
Figure 6.
Dual Display with 8-Bit WRITE-Only Microcontroller Interface
(Example Shows BGA 42-Pin Package)
Serializer Configuration:
PLL Frequency Mode: MODE 1 (S1=0, S0=1) CKREF=26MHz
STROBE Frequency = 10 MHz
PLL Divide Mode: Divide-by 2 (PLL1=1, PLL0=0) Multiplier x 3.5
Deserializer Configuration:
Edge Rate Mode: SLOW MODE 1 (S1=1, S0=0)
Pulse Width Mode: 13-Bit Time Mode (PWS1=PWS0=0) (~71.4ns)
Additional Application Information
Flex Cabling:
The serial I/O information is transmitted at a high serial rate. Care must be taken implementing this
serial I/O flex cable. The following best practices should be used when developing the flex cabling or Flex PCB.
Keep all four differential Serial Wires the same length.
Do not allow noisy signals over or near differential serial wires.
Example: No LVCMOS traces over differential serial wires.
Use only one ground plane or wire over the differential serial wires. Do not run ground over top and bottom.
Design goal of 100-ohms differential characteristic impedance.
Do not place test points on differential serial wires.
Use differential serial wires a minimum of 2cm away from the antenna.
For additional applications notes or flex guidelines see your sales rep or contact Fairchild directly.


Similar Part No. - FIN212ACMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212ACMLX FAIRCHILD-FIN212ACMLX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN212ACMLX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com