Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RP15-123.3SF Datasheet(PDF) 4 Page - Recom International Power

Part No. RP15-123.3SF
Description  15 Watt 2” x 1” Package Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo 

RP15-123.3SF Datasheet(HTML) 4 Page - Recom International Power

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP15-S_DF
Series
Weight
27g
Dimensions
50.8 x 25.4 x 10.2mm
MTBF (see Note 2)
2041 x 103 hours
1. The RP15 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is marked with suffix-P (eg. RP15-2405SF/P)
Negative logic ON/OFF is marked with suffix-N (eg. RP15-2405SF/N).
If no suffix is specified, the control pin will be omitted.
8. Heat sink is optional and P/N: 7G-0020A.
9. See application notes for EMI-filtering.
Notes :
Package Style and Pinning (mm)
3
1
2
5
4
20.30
50.80
dia.
1.0
10.20
10.20
12.70
15.20
Bottom View
6
2.50
5.10
25.40
5.6
10.20
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
6*
CTRL*
CTRL*
* Optional. See Note 7.
July-2006
243
www.recom-international.com


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RP10-123.3SE_0610 Watt 2” x 1” Package Single & Dual Output 1 2 3 4 5 Recom International Power
RP10-2405SEW_0610 Watt 2” x 1” Package Single & Dual Output 1 2 3 4 5 Recom International Power
REC10-123.3SRW10 Watt 1” x 2” Single & Dual Output 1 2 Recom International Power
REC15-123.3SRW15 Watt 1” x 2” Single & Dual Output 1 2 Recom International Power
REC20-242.5SRW20 Watt 1” x 2” Single Output 1 2 Recom International Power
REC20-123.3SRWB20 Watt 2” x 2” Single Dual & Triple Output 1 2 Recom International Power
REC40-1205SRWB40 Watt 2” x 2” Single Dual & Triple Output 1 2 Recom International Power
RAC05-3.3SA5 Watt Single & Dual Output 1 2 Recom International Power
REC7.5-123.3SRW7.5 Watt DIP24 & SMD Single & Dual Output 1 2 Recom International Power
RAC10-3.3SA10 Watt Single & Dual Output 1 2 Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn