Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3131 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FHP3131
Description  0.4mA, 2.5V to 12V, 70MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3131 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FHP3131 Datasheet HTML 5Page - Fairchild Semiconductor FHP3131 Datasheet HTML 6Page - Fairchild Semiconductor FHP3131 Datasheet HTML 7Page - Fairchild Semiconductor FHP3131 Datasheet HTML 8Page - Fairchild Semiconductor FHP3131 Datasheet HTML 9Page - Fairchild Semiconductor FHP3131 Datasheet HTML 10Page - Fairchild Semiconductor FHP3131 Datasheet HTML 11Page - Fairchild Semiconductor FHP3131 Datasheet HTML 12Page - Fairchild Semiconductor FHP3131 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FHP3131 Rev. 1.0.2
9
0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
-30
Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Freq = 5MHz
Freq = 1MHz
Freq = 500kHz
Freq = 100kHz
0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
-30
Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Freq = 5MHz
Freq = 1MHz
Freq = 500kHz
Freq = 100kHz
0.1
1
-30
Frequency (MHz)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Vo = 2Vpp
HD2 RL = 150Ω
HD3 RL = 150Ω
HD2 RL = 1kΩ
HD3 RL = 1kΩ
0.1
1
5
5
-30
Frequency (MHz)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Vo = 2Vpp
HD2 RL = 150Ω
HD3 RL = 150Ω
HD2 RL = 1kΩ
HD3 RL = 1kΩ
0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
-30
Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Freq = 5MHz
Freq = 1MHz
Freq = 500kHz
Freq = 100kHz
0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
-30
Amplitude (Vpp)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
Freq = 5MHz
Freq = 1MHz
Freq = 500kHz
Freq = 100kHz
Typical Performance Characteristics - Continued
TA = 25°C, RL = 1kΩ to Vs/2 for Vs = 5V and 2.7V, RL = 1kΩ to GND for Vs = ±5V, G = 2 and
Rf = Rg = 1kΩ, unless otherwise noted.
Figure 13. HD vs. Frequency (±5V)
Figure 14. HD vs. Frequency (+5V)
Figure 15. HD2 vs. VOUT (±5V)
Figure 16. HD3 vs. VOUT (±5V)
Figure 17. HD2 vs. VOUT (+5V)
Figure 18. HD3 vs. VOUT (+5V)


Similar Part No. - FHP3131

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130 Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
More results

Similar Description - FHP3131

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4230 FAIRCHILD-FAN4230 Datasheet
98Kb / 5P
   Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Intersil Corporation
EL8302 INTERSIL-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com