Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHP3131 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FHP3131
Description  0.4mA, 2.5V to 12V, 70MHz Rail-to-Rail Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3131 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FHP3131 Datasheet HTML 1Page - Fairchild Semiconductor FHP3131 Datasheet HTML 2Page - Fairchild Semiconductor FHP3131 Datasheet HTML 3Page - Fairchild Semiconductor FHP3131 Datasheet HTML 4Page - Fairchild Semiconductor FHP3131 Datasheet HTML 5Page - Fairchild Semiconductor FHP3131 Datasheet HTML 6Page - Fairchild Semiconductor FHP3131 Datasheet HTML 7Page - Fairchild Semiconductor FHP3131 Datasheet HTML 8Page - Fairchild Semiconductor FHP3131 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FHP3131 Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Parameter
Min.
Max.
Unit
Supply Voltage
0
12.6
V
Input Voltage Range
-Vs -0.5V
+Vs +0.5V
V
Reliability Information
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Reflow Temperature (Soldering)
260
°C
Package Thermal Resistance
6-Lead SOT23(1)
302
°C/W
6-Lead MicroPak™(1)
440
°C/W
Notes:
Package thermal resistance (
θ
JA), JEDEC standard, multi-layer test boards, still air.
ESD Protection
Product
FHP3131
Human Body Model (HBM)
4kV
Charged Device Model (CDM)
2kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended ope-
rating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recom-
mend exceeding them or designing to absolute maximum ratings.
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
-40
+85
°C
Supply Voltage Range
2.5
12
V
1.


Similar Part No. - FHP3131

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3130 FAIRCHILD-FHP3130 Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130IM8X FAIRCHILD-FHP3130IM8X Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
More results

Similar Description - FHP3131

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4230 FAIRCHILD-FAN4230 Datasheet
98Kb / 5P
   Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Intersil Corporation
EL8302 INTERSIL-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com