Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBL2031 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FBL2031
Description  9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2031 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FBL2031 Datasheet HTML 2Page - NXP Semiconductors FBL2031 Datasheet HTML 3Page - NXP Semiconductors FBL2031 Datasheet HTML 4Page - NXP Semiconductors FBL2031 Datasheet HTML 5Page - NXP Semiconductors FBL2031 Datasheet HTML 6Page - NXP Semiconductors FBL2031 Datasheet HTML 7Page - NXP Semiconductors FBL2031 Datasheet HTML 8Page - NXP Semiconductors FBL2031 Datasheet HTML 9Page - NXP Semiconductors FBL2031 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
FBL2031
9-bit BTL 3.3V latched/registered/pass-thru
Futurebus+ transceiver
2000 Apr 18
6
LOGIC DIAGRAM
Decode
Out
In
46
45
OEB0
OEB1
47
OEA
14
A8
DQ
Clk
24
B8
38
18
LCAB
20
SEL0
28
30
32
34
36
BTL
TMS
TCK
TDI
TDO
42
44
22
21
(JTAG Boundary Scan pins)
LOGIC GND
=
1, 3, 5, 7, 9, 11, 13, 51
BUS GND
=
25, 27, 29, 31, 33, 35, 37, 39, 41
BIAS V
=
48
VCC
=
23, 43, 49
BG VCC
=17
BG GND
=
19
DQ
E
MUX
A
⇒ B
QD
MUX
A
⇒ B
26
B7
12
A7
MUX
A
⇐ B
52
10
8
6
4
2
TTL
A1
MUX
A
⇒ B
MUX
A
⇐ B
B1
40
50
MUX
A
⇒ B
MUX
A
⇐ B
B0
DQ
Clk
DQ
E
DQ
Clk
DQ
E
D
Q
Clk
D
Q
E
D
Q
Clk
D
Q
E
D
Q
E
DQ
E
DQ
Clk
D
Q
Clk
D
Q
E
15
SEL1
16
LCBA
D
Q
Clk
MUX
A
⇐ B
A0
SG00061


Similar Part No. - FBL2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL2033BB PHILIPS-FBL2033BB Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL2033BB PHILIPS-FBL2033BB Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
More results

Similar Description - FBL2031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FB2033 PHILIPS-FB2033 Datasheet
173Kb / 10P
   8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1995 May 25
FBL22041 PHILIPS-FBL22041 Datasheet
93Kb / 14P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1998 Aug 12
FBL2041 PHILIPS-FBL2041 Datasheet
94Kb / 12P
   3.3V BTL 7-bit Futurebus transceiver standard A-port
1999 Apr 27
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
Texas Instruments
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com