Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10-K3L Datasheet(PDF) 6 Page - Mitsumi Electronics, Corp.

Part # C10-K3L
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C10-K3L Datasheet(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button C10-K3L Datasheet HTML 2Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 3Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 4Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 5Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 6Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 7Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 8Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 9Page - Mitsumi Electronics, Corp. C10-K3L Datasheet HTML 10Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C5-K1.8R Series)
C5-K1.8R (Height : 1.9mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
25
3.50
3.10
DC
1R5
1.5
±30
1kHz
-
30
2.70
2.70
DE
2R2
2.2
±30
1kHz
-
35
2.20
2.60
DG
3R3
3.3
±30
1kHz
-
39
2.00
2.40
DH
3R9
3.9
±30
1kHz
-
49
1.75
2.20
DJ
4R7
4.7
±30
1kHz
-
54
1.60
1.90
DK
5R6
5.6
±30
1kHz
-
63
1.50
1.75
DL
6R8
6.8
±30
1kHz
-
68
1.40
1.65
DM
8R2
8.2
±30
1kHz
-
79
1.35
1.55
EA
100
10
±20
1kHz
-
85
1.10
1.45
EB
120
12
±20
1kHz
-
108
0.97
1.30
EC
150
15
±20
1kHz
-
120
0.94
1.20
ED
180
18
±20
1kHz
-
158
0.84
1.05
EE
220
22
±20
1kHz
-
182
0.78
0.97
EF
270
27
±20
1kHz
-
231
0.68
0.82
EG
330
33
±20
1kHz
-
287
0.61
0.77
EH
390
39
±20
1kHz
-
315
0.57
0.73
EJ
470
47
±20
1kHz
-
460
0.52
0.62
EK
560
56
±20
1kHz
-
503
0.47
0.59
EL
680
68
±20
1kHz
-
572
0.41
0.55
EM
820
82
±20
1kHz
-
828
0.37
0.45
FA
101
100
±20
1kHz
-
925
0.35
0.42
FB
121
120
±20
1kHz
-
1030
0.33
0.40
FC
151
150
±20
1kHz
-
1210
0.31
0.38
DATA LIST (C5-K1.8RA Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
25
3.10
3.10
DC
1R5
1.5
±30
1kHz
-
32
2.70
2.70
DE
2R2
2.2
±30
1kHz
-
38
2.50
2.50
DF
2R7
2.7
±30
1kHz
-
44
2.30
2.25
DH
3R9
3.9
±30
1kHz
-
50
2.05
2.05
DJ
4R7
4.7
±30
1kHz
-
56
1.95
1.95
DK
5R6
5.6
±30
1kHz
-
66
1.85
1.80
DL
6R8
6.8
±30
1kHz
-
83
1.65
1.65
DM
8R2
8.2
±30
1kHz
-
98
1.50
1.50
EA
100
10
±20
1kHz
-
115
1.35
1.30
EB
120
12
±20
1kHz
-
130
1.25
1.25
EC
150
15
±20
1kHz
-
155
1.15
1.15
ED
180
18
±20
1kHz
-
174
1.05
1.05
EE
220
22
±20
1kHz
-
229
0.91
0.90
EF
270
27
±20
1kHz
-
282
0.83
0.82
EG
330
33
±20
1kHz
-
353
0.74
0.73
EH
390
39
±20
1kHz
-
450
0.69
0.68
EJ
470
47
±20
1kHz
-
588
0.62
0.60
EK
560
56
±20
1kHz
-
620
0.57
0.55
EL
680
68
±20
1kHz
-
695
0.52
0.50
EM
820
82
±20
1kHz
-
930
0.47
0.45
FA
101
100
±20
1kHz
-
1195
0.42
0.39
FB
121
120
±20
1kHz
-
1331
0.38
0.35
FC
151
150
±20
1kHz
-
1850
0.33
0.30
C5-K1.8RA (Height : 1.9mm max.)


Similar Part No. - C10-K3L

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C10-K6L MITSUMI-C10-K6L Datasheet
158Kb / 12P
   Power Inductors
More results

Similar Description - C10-K3L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com