Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5-K1.8RA Datasheet(PDF) 10 Page - Mitsumi Electronics, Corp.

Part # C5-K1.8RA
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C5-K1.8RA Datasheet(HTML) 10 Page - Mitsumi Electronics, Corp.

Back Button C5-K1.8RA Datasheet HTML 6Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 7Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 8Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 9Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 10Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 11Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 12Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 13Page - Mitsumi Electronics, Corp. C5-K1.8RA Datasheet HTML 14Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C8-K4L Series)
C8-K4L (Height : 4mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
10
7.0
-
DC
1R5
1.5
±30
1kHz
-
12
6.5
-
DE
2R2
2.2
±30
1kHz
-
14
5.6
-
DF
2R7
2.7
±30
1kHz
-
16
5.2
-
DH
3R9
3.9
±30
1kHz
-
18
4.3
-
DJ
4R7
4.7
±30
1kHz
-
21
4.2
-
DK
5R6
5.6
±30
1kHz
-
23
4.1
-
DL
6R8
6.8
±30
1kHz
-
28
3.5
-
DM
8R2
8.2
±30
1kHz
-
33
3.1
-
EA
100
10
±20
1kHz
-
38
2.7
-
EB
120
12
±20
1kHz
-
44
2.6
-
EC
150
15
±20
1kHz
-
50
2.3
-
ED
180
18
±20
1kHz
-
54
2.2
-
EE
220
22
±20
1kHz
-
78
1.9
-
EF
270
27
±20
1kHz
-
89
1.5
-
EG
330
33
±20
1kHz
-
111
1.4
-
EH
390
39
±20
1kHz
-
121
1.3
-
EJ
470
47
±20
1kHz
-
142
1.2
-
EK
560
56
±20
1kHz
-
155
1.1
-
EL
680
68
±20
1kHz
-
200
1.05
-
EM
820
82
±20
1kHz
-
250
1.00
-
FA
101
100
±20
1kHz
-
310
0.95
-
FB
121
120
±20
1kHz
-
341
0.82
-
FC
151
150
±20
1kHz
-
421
0.73
-
DATA LIST (C6-K5LA Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
40K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
10
7.0
5.2
DC
1R5
1.5
±30
1kHz
-
12
6.2
4.9
DE
2R2
2.2
±30
1kHz
-
14
5.5
4.5
DG
3R3
3.3
±30
1kHz
-
18
4.8
4.3
DH
3R9
3.9
±30
1kHz
-
22
4.3
4.0
DJ
4R7
4.7
±30
1kHz
-
34
3.9
3.4
DL
6R8
6.8
±30
1kHz
-
40
3.60
3.00
DM
8R2
8.2
±30
1kHz
-
45
3.40
2.80
EA
100
10
±30
1kHz
-
50
3.10
2.60
EB
120
12
±30
1kHz
-
55
2.90
2.50
EC
150
15
±20
1kHz
-
60
2.70
2.40
ED
180
18
±20
1kHz
-
80
2.20
2.20
EE
220
22
±20
1kHz
-
90
2.10
2.10
EF
270
27
±20
1kHz
-
100
2.00
1.90
EG
330
33
±20
1kHz
-
140
1.80
1.70
EH
390
39
±20
1kHz
-
160
1.60
1.60
EJ
470
47
±20
1kHz
-
180
1.40
1.40
EK
560
56
±20
1kHz
-
205
1.30
1.30
EL
680
68
±20
1kHz
-
340
1.05
1.10
EM
820
82
±20
1kHz
-
485
0.90
0.90
FA
101
100
±20
1kHz
-
510
0.80
0.85
C6-K5LA (Height : 5mm max.)


Similar Part No. - C5-K1.8RA

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C5-K3LGA MITSUMI-C5-K3LGA Datasheet
158Kb / 12P
   Power Inductors
C5-KT2.2L MITSUMI-C5-KT2.2L Datasheet
76Kb / 1P
   Pressurizing Transformers
C5-KT2.5L MITSUMI-C5-KT2.5L Datasheet
76Kb / 1P
   Pressurizing Transformers
C5-KT3L MITSUMI-C5-KT3L Datasheet
76Kb / 1P
   Pressurizing Transformers
More results

Similar Description - C5-K1.8RA

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com