Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC10-123.3DRWZ Datasheet(PDF) 1 Page - Recom International Power

Part # REC10-123.3DRWZ
Description  10 Watt 1??x 2??Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC10-123.3DRWZ Datasheet(HTML) 1 Page - Recom International Power

  REC10-123.3DRWZ Datasheet HTML 1Page - Recom International Power REC10-123.3DRWZ Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 Watt
1” x 2”
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC10-
S_DRW(Z)/
H Series
10W 1”x 2” Package (50.1x25.4x10.8mm)
1.6kVDC Isolation
Wide Input 2:1 & 4:1
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Remote ON/OFF-Control for Single Types
Efficiency to 84%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
1” x 2”
(VDC)
(VDC)
(mA)
(%)
REC10-xx3.3SRW/H
9-18, 18-36, 36-75
3.3
2000
74-76
REC10-xx05SRW/H
9-18, 18-36, 36-75
5
2000
80-81
REC10-xx12SRW/H
9-18, 18-36, 36-75
12
830
81-84
REC10-xx15SRW/H
9-18, 18-36, 36-75
15
670
82-84
REC10-xx24SRW/H
9-18, 18-36, 36-75
24
420
81-84
REC10-xx3.3SRWZ/H
9-36, 18-75
3.3
2000
74
REC10-xx05SRWZ/H
9-36, 18-75
5
2000
77-80
REC10-xx12SRWZ/H
9-36, 18-75
12
830
81-82
REC10-xx15SRWZ/H
9-36, 18-75
15
670
80-82
REC10-xx3.3DRWZ/H
9-36, 18-75
±3.3
±1000
74
REC10-xx05DRWZ/H
9-36, 18-75
±5
±1000
77-80
REC10-xx12DRWZ/H
9-36, 18-75
±12
±416
81-82
REC10-xx15DRWZ/H
9-36, 18-75
±15
±333
80-82
2:1
4:1
xx = 9-18Vin = 12
xx = 9-36Vin = 24
xx = 18-36Vin = 24
xx = 18-75Vin = 48
xx = 36-75Vin = 48
* add suffix "/CTRL" for optional Remote ON/OFF-Control
Designed to meet EN-60950-1
UL-60950-1 Pending
Specifications (Core Operating Area)
Input Voltage Range
2:1 & 4:1
Input Filter
π type
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation (10% to 100% full load )
±1% max.
Minimum Load
3.3, 5V, ±3.3, ±5Vout
3%
12,15, 24, ±12, ±15Vout
0%
Ripple
<0.2% Vout +40mVp-p max.
Noise
<0.5% Vout +50mVp-p max.
Operating Frequency
300kHz typ.
Over Power Protection
120%, automatic recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Current limit, auto-recovery
Efficiency at Full Load
85% max.
IIsolation Voltage
(tested for 1 second)
1600VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
1000pF
Isolation Resistance
100 M
Ω min.
continued on next page
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
4:1 Range
2:1 Range
60%
Is 4:1 Range
Is 2:1 Range
Derating-Graph
(Ambient Temperature)
July-2006
www.recom-international.com
124


Similar Part No. - REC10-123.3DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-123.3S/H2/M RECOM-REC10-123.3S/H2/M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
More results

Similar Description - REC10-123.3DRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
logo
RSG Electronic Componen...
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
logo
Recom International Pow...
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com