Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM309X Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM309X
Description  Low-Ripple, Low-Saturation CMOS Regulators Monolithic IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM309X Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM309X Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM309X Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MITSUMI
Low-Ripple, Low-Saturation CMOS Regulators MM309X/MM310X Series
Pin Assignment
Pin Description
Pin No.
Pin name
Functions
1
GND
GND pin
2
VOUT
Regulator output pin
3
VDD
Voltage-supply pin
ON/OFF-Control pin
4
CE
Connect CE pin with VDD
pin, when it is not used.
CE
OUTPUT
L
OFF
HON
4
1
3
2
WLCSP-4
(BOTTOM VIEW)
1
GND
2
VOUT
3
VDD
4
CE
54
12
3
SOT-25A
(TOP VIEW)
1
VOUT
2
GND
3
VDD
4
CE
5
VDD
4
2
3
5
1
WLCSP-5
(BOTTOM VIEW)
1
CE
2
GND
3
VOUT
4
VDD
5
NC
WLCSP-4
Pin No.
Pin name
Functions
1
VOUT
Regulator output pin
2
GND
GND pin
3,5
VDD
Voltage-supply pin
ON/OFF-Control pin
4
CE
Connect CE pin with VDD
pin, when it is not used.
CE
OUTPUT
L
OFF
HON
SOT-25A
Pin No.
Pin name
Functions
ON/OFF-Control pin
1
CE
Connect CE pin with VDD
pin, when it is not used.
2
GND
GND pin
3
VOUT
Regulator output pin
4
VDD
Voltage-supply pin
5
NC
CE
OUTPUT
L
OFF
HON
WLCSP-5


Similar Part No. - MM309X

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
More results

Similar Description - MM309X

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
   Low-Saturation 300mA Regulators
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
Panasonic Battery Group
AN260XXA PANASONICBATTERY-AN260XXA Datasheet
172Kb / 1P
   SiGeC Bi-CMOS Monolithic IC, Low Noise Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com