Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C13-K Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # C13-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C13-K Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  C13-K Datasheet HTML 1Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 2Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 3Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 4Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C13-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MITSUMI
DATA LIST (C3-K1.8L Series)
C3-K1.8L (Height : 1.8mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DB
1R2
1.2
±30
1kHz
-
25
1.80
2.30
DD
1R8
1.8
±30
1kHz
-
30
1.55
2.10
DE
2R2
2.2
±30
1kHz
-
43
1.35
1.90
DF
2R7
2.7
±30
1kHz
-
47
1.25
1.80
DG
3R3
3.3
±30
1kHz
-
55
1.15
1.70
DH
3R9
3.9
±30
1kHz
-
65
1.05
1.50
DJ
4R7
4.7
±30
1kHz
-
75
0.92
1.40
DK
5R6
5.6
±30
1kHz
-
100
0.86
1.20
DL
6R8
6.8
±30
1kHz
-
110
0.81
1.10
DM
8R2
8.2
±30
1kHz
-
120
0.78
1.00
EA
100
10
±20
1kHz
-
160
0.70
0.90
EB
120
12
±20
1kHz
-
175
0.65
0.82
EC
150
15
±20
1kHz
-
210
0.58
0.75
ED
180
18
±20
1kHz
-
275
0.52
0.65
EE
220
22
±20
1kHz
-
300
0.46
0.60
EF
270
27
±20
1kHz
-
390
0.42
0.52
EG
330
33
±20
1kHz
-
520
0.38
0.46
EH
390
39
±20
1kHz
-
560
0.35
0.42
EJ
470
47
±20
1kHz
-
775
0.31
0.36
EK
560
56
±20
1kHz
-
860
0.29
0.33
EL
680
68
±20
1kHz
-
980
0.27
0.30
DATA LIST (C3-K1.5L Series)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DE
2R2
2.2
±30
1kHz
-
60
0.85
1.10
DF
2R7
2.7
±30
1kHz
-
70
0.70
1.02
DG
3R3
3.3
±30
1kHz
-
80
0.66
0.96
DH
3R9
3.9
±30
1kHz
-
90
0.60
0.90
DJ
4R7
4.7
±30
1kHz
-
95
0.53
0.84
DK
5R6
5.6
±30
1kHz
-
100
0.50
0.78
DL
6R8
6.8
±30
1kHz
-
110
0.48
0.73
DM
8R2
8.2
±30
1kHz
-
120
0.45
0.68
EA
100
10
±20
1kHz
-
160
0.40
0.60
EB
120
12
±20
1kHz
-
225
0.34
0.54
EC
150
15
±20
1kHz
-
250
0.32
0.51
ED
180
18
±20
1kHz
-
260
0.30
0.48
EE
220
22
±20
1kHz
-
300
0.28
0.40
EF
270
27
±20
1kHz
-
430
0.24
0.38
EG
330
33
±20
1kHz
-
490
0.21
0.36
EH
390
39
±20
1kHz
-
610
0.20
0.32
EJ
470
47
±20
1kHz
-
740
0.18
0.30
EK
560
56
±20
1kHz
-
950
0.16
0.28
EL
680
68
±20
1kHz
-
1050
0.14
0.26
C3-K1.5L (Height : 1.5mm max.)


Similar Part No. - C13-K

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
C13-0126 MARKIMICROWAVE-C13-0126 Datasheet
277Kb / 3P
   DIRECTIONAL COUPLER
C13-0140 MARKIMICROWAVE-C13-0140 Datasheet
280Kb / 3P
   DIRECTIONAL COUPLER
C13-0150 MARKIMICROWAVE-C13-0150 Datasheet
227Kb / 3P
   DIRECTIONAL COUPLER
logo
Mitsumi Electronics, Co...
C13-FR MITSUMI-C13-FR Datasheet
78Kb / 6P
   Power Inductors
More results

Similar Description - C13-K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com