Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RP08-123.3SA Datasheet(PDF) 4 Page - Recom International Power

Part No. RP08-123.3SA
Description  8 Watt DIP24 & SMD, Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo 

RP08-123.3SA Datasheet(HTML) 4 Page - Recom International Power

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIP24 Package Style
Package Style and Pinning (mm)
5.10
20.30
2
10.20
0.25 x 0.50
Rectangular Pin
15.20
Bottom View
1 2 3
20.30
31.80
9
11
16
14
23 22
3.8
2.54
SMD Package Style
20.30
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
21.30
3.81
6.35
2.54
23.40
POWERLINE
DC/DC-Converter
3rd angle
projection
SMD Package Style
Same spec. as the original DIP spec. and pin
definition, excl. of the SMD type pin.
RP08-S_DA
Series
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
ON/OFF
ON/OFF
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
ON/OFF
ON/OFF
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Com
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
Others
NC
NC
NC = No Connection
14-February-2007
215
www.recom-international.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn