Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8817NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS8817NZ
Description  N-Channel PowerTrench MOSFET 30V, 15A, 7.0mohm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8817NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS8817NZ Datasheet HTML 1Page - Fairchild Semiconductor FDS8817NZ Datasheet HTML 2Page - Fairchild Semiconductor FDS8817NZ Datasheet HTML 3Page - Fairchild Semiconductor FDS8817NZ Datasheet HTML 4Page - Fairchild Semiconductor FDS8817NZ Datasheet HTML 5Page - Fairchild Semiconductor FDS8817NZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS8817NZ Rev.C
www.fairchildsemi.com
4
Figure 7.
0
5
10
15
20
25
30
35
0
2
4
6
8
10
VDD = 15V
VDD =20V
Qg, GATE CHARGE(nC)
VDD = 10V
ID = 15A
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
3000
30
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1
10
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE(ms)
20
400
UnclampedInductive
Switching Capability
Figure 10.
0
5
10
15
20
25
30
1E-9
1E-8
1E-7
1E-6
1E-5
1E-4
1E-3
VGS = 0V
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE(V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 11. Maximum Continuous Drain
Current vs Ambient Temperature
25
50
75
100
125
150
0
3
6
9
12
15
RθJA = 50
oC/W
VGS = 4.5V
VGS = 10V
T
A
, AMBIENT TEMPERATURE (
oC)
Figure 12.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1s
DC
10s
100ms
10ms
rDS(on) LIMITED
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC
VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDS8817NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8812NZ FAIRCHILD-FDS8812NZ Datasheet
469Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 20A, 4.0mohm
logo
VBsemi Electronics Co.,...
FDS8812NZ-NL VBSEMI-FDS8812NZ-NL Datasheet
1,006Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS8813NZ FAIRCHILD-FDS8813NZ Datasheet
350Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 18.5A, 4.5mohm
More results

Similar Description - FDS8817NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com