Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB2033 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FB2033
Description  8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FB2033 Datasheet(HTML) 1 Page - NXP Semiconductors

  FB2033 Datasheet HTML 1Page - NXP Semiconductors FB2033 Datasheet HTML 2Page - NXP Semiconductors FB2033 Datasheet HTML 3Page - NXP Semiconductors FB2033 Datasheet HTML 4Page - NXP Semiconductors FB2033 Datasheet HTML 5Page - NXP Semiconductors FB2033 Datasheet HTML 6Page - NXP Semiconductors FB2033 Datasheet HTML 7Page - NXP Semiconductors FB2033 Datasheet HTML 8Page - NXP Semiconductors FB2033 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors
Product specification
FB2033
8-bit latched/registered/pass-thru
Futurebus+ universal interface transceiver
1
1995 May 25
853-1717 15279
FEATURES
8-bit transceivers
Latched, registered or straight through in either A to B or B to A
path
Drives heavily loaded backplanes with equivalent load
impedances down to 10
Ω.
High drive 100mA BTL Open Collector drivers on B-port
Allows incident wave switching in heavily loaded backplane buses
Reduced BTL voltage swing produces less noise and reduces
power consumption
Built-in precision band-gap reference provides accurate receiver
thresholds and improved noise immunity
Compatible with IEEE Futurebus+ or proprietary BTL backplanes
Each BTL driver has a dedicated Bus GND for a signal return
Controlled output ramp and multiple GND pins minimize ground
bounce
Glitch-free power up/power down operation
Low I
CC current
Tight output skew
Supports live insertion
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
AIn to Bn
3.0
3.0
ns
tPLH
tPHL
Propagation delay
Bn to AOn
4.3
4.1
ns
COB
Output capacitance (B0 – Bn only)
6
pF
IOL
Output current (B0 – Bn only)
100
mA
ICC
Supply current
AIn to Bn
(outputs Low or High)
24
mA
ICC
Supply current
Bn to AOn (outputs Low)
45
mA
Bn to AOn (outputs High)
22
ORDERING INFORMATION
PACKAGES
COMMERCIAL RANGE
VCC = 5V±10%; Tamb = 0°C to +70°C
DRAWING
NUMBER
52-pin Plastic Quad Flat Pack (QFP)
FB2033BB
SOT379-1
NOTE: Thermal mounting or forced air is recommended
PIN CONFIGURATION
52 51 50 49 48 47 46
45 44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19
20
21 22 23 24 25 26
BUS GND
B1
BUS GND
B2
BUS GND
B3
BUS GND
B4
BUS GND
B5
BUS GND
B6
BUS GND
LOGIC GND
AO1
AO2
AO3
LOOPBACK
AI4
AI5
8-Bit Universal Transceiver
FB2033
52-lead PQFP
AI2
AI3
AO4
AI6
LOGIC GND
AO5
SG00068


Similar Part No. - FB2033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FB2033A TI-FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
FB2033K TI-FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Similar Description - FB2033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL22033 PHILIPS-FBL22033 Datasheet
147Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
1999 Apr 15
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
FBL2031 PHILIPS-FBL2031 Datasheet
165Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver
2000 Apr 18
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
FBL22031 PHILIPS-FBL22031 Datasheet
168Kb / 16P
   9-bit BTL 3.3V latched/registered/pass-thru Futurebus transceiver with 30W termination
2000 Apr 18
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
logo
Cypress Semiconductor
CY54FCT543T CYPRESS-CY54FCT543T Datasheet
140Kb / 8P
   8-Bit Latched Registered Transceiver
logo
NXP Semiconductors
FB2040A PHILIPS-FB2040A Datasheet
414Kb / 12P
   8-bit Futurebus transceiver
1995 May 25
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
[Old version datasheet]   8-Bit Latched Transceiver
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
   7-bit Futurebus transceiver
1995 May 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com