Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FB2033 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. FB2033
Description  8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

FB2033 Datasheet(HTML) 9 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Philips Semiconductors
Product specification
FB2033
8-bit latched/registered/pass-thru
Futurebus+ universal interface transceiver
1995 May 25
9
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C, VCC = 5V
Tamb = 0 to 70°C,
VCC = 5V±10%
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
CL = 50pF (A side) / CD = 30pF (B side)
RL = 500Ω (A side) / RU = 9Ω (B side)
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time
AIn to LCAB or Bn to LCBA
Waveform 4
3.0
3.0
4.0
4.0
ns
th(H)
th(L)
Hold time
AIn to LCAB or Bn to LCBA
Waveform 4
1.0
1.0
1.3
1.3
ns
tw(H)
tw(L)
Pulse width, High or Low
LCAB or LCBA
Waveform 4
3.0
3.0
4.0
4.0
ns
SYMBOL
PARAMETER
TEST
CONDITION
CL = 50pF (A side) / CD = 30pF (B side)
RL = 500Ω (A side) / RU = 16.5Ω (B side)
UNIT
ts(H)
ts(L)
Setup time
AIn to LCAB or Bn to LCBA
Waveform 4
3.0
3.0
4.0
4.0
ns
th(H)
th(L)
Hold time
AIn to LCAB or Bn to LCBA
Waveform 4
1.0
1.0
1.3
1.3
ns
tw(H)
tw(L)
Pulse width, High or Low
LCAB or LCBA
Waveform 4
3.0
3.0
4.0
4.0
ns
AC WAVEFORMS
VM
ts
tPZL
Input
Output
VM
VM
VM
VM
tPLH
tPHL
VM
VM
VM
VM
tPHL
tPLH
Output
AIn, Bn
AOn, Bn
VM
VM
tSK(o)
AOn
OEA
VM
VM
tPLZ
VM
VOL +0.3V
AOn
OEA
VM
VM
VM
VOH -0.3V
OV
tPHZ
tPZH
Input
AIn, Bn
LCAB, LCBA
VM
VM
1/fMAX
th
ts
th
tw(L)
tw(H)
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
Waveform 1. Propagation Delay for Data
or Output Enable to Output
Waveform 2. Propagation Delay for Data
or Output Enable to Output
Waveform 3. Output to Output Skew
Waveform 4. Setup and Hold Times,
Pulse Widths and Maximum Frequency
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
SG00070


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn