Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FB2033 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. FB2033
Description  8-bit latched/registered/pass-thru Futurebus universal interface transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

FB2033 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
FB2033
8-bit latched/registered/pass-thru
Futurebus+ universal interface transceiver
1995 May 25
5
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
-0.5 to +7.0
V
VIN
Input voltage
All inputs except B0 – Bn
-1.2 to +7.0
V
VIN
Input voltage
B0 – Bn
-1.2 to +3.5
V
IIN
Input current
-40 to +5.0
mA
VOUT
Voltage applied to output in High output state
-0.5 to +VCC
V
IOUT
Current applied to output in Low output state
AO0 – AOn
48
mA
IOUT
Current applied to output in Low output state
B0 – Bn
200
mA
TSTG
Storage temperature
-65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
Except B0 – Bn
2.0
V
VIH
High-level input voltage
B0 – Bn
1.62
1.55
V
VIL
Low-level input voltage
Except B0 – Bn
0.8
V
VIL
Low-level input voltage
B0 – Bn
1.47
V
IIK
Input clamp current
Except B0 – Bn
-40
mA
IIK
Input clamp current
B0 – Bn
-50
mA
IOH
High-level output current
AO0 – AOn
-3
mA
IOL
Low-level output current
AO0 – AOn
24
mA
IOL
Low-level output current
B0 – Bn
100
mA
IIA
Off device input current
Except B0 – Bn,
VI = 0 to 5.5V, VCC = 0V
100
µA
COB
Output capacitance of B port
6
7
pF
Tamb
Operating free-air temperature range
0
+70
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn