Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3-K Datasheet(PDF) 14 Page - Mitsumi Electronics, Corp.

Part No. C3-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C3-K Datasheet(HTML) 14 Page - Mitsumi Electronics, Corp.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MITSUMI
Power Inductors
DATA LIST (C13-K4.5L Series)
C13-K4.5L (Height : 4.5mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
8
11.02
-
DC
1R5
1.5
±30
1kHz
-
10
9.21
-
DF
2R7
2.7
±30
1kHz
-
13
8.23
-
DH
3R9
3.9
±30
1kHz
-
18
7.08
-
DJ
4R7
4.7
±30
1kHz
-
22
6.36
-
DL
6R8
6.8
±30
1kHz
-
25
5.54
-
DM
8R2
8.2
±30
1kHz
-
28
5.07
-
EA
100
10
±30
1kHz
-
32
4.61
-
EB
120
12
±30
1kHz
-
36
4.25
-
EC
150
15
±30
1kHz
-
39
3.95
-
ED
180
18
±30
1kHz
-
43
3.68
-
EE
220
22
±30
1kHz
-
51
3.23
-
EF
270
27
±30
1kHz
-
59
3.00
-
EG
330
33
±30
1kHz
-
68
2.67
-
EH
390
39
±20
1kHz
-
151
2.33
-
EJ
470
47
±20
1kHz
-
171
2.10
-
EK
560
56
±20
1kHz
-
187
1.99
-
EL
680
68
±20
1kHz
-
215
1.80
-
EM
820
82
±20
1kHz
-
235
1.71
-
FA
101
100
±20
1kHz
-
265
1.57
-
FB
121
120
±20
1kHz
-
296
1.44
-
FC
151
150
±20
1kHz
-
339
1.33
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn