Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3-K Datasheet(PDF) 11 Page - Mitsumi Electronics, Corp.

Part No. C3-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C3-K Datasheet(HTML) 11 Page - Mitsumi Electronics, Corp.

Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MITSUMI
DATA LIST (C8-K5L Series)
C8-K5L (Height : 5mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
10
7.0
-
DC
1R5
1.5
±30
1kHz
-
12
6.5
-
DE
2R2
2.2
±30
1kHz
-
14
5.6
-
DF
2R7
2.7
±30
1kHz
-
16
5.2
-
DH
3R9
3.9
±30
1kHz
-
18
4.3
-
DJ
4R7
4.7
±30
1kHz
-
20
4.2
-
DK
5R6
5.6
±30
1kHz
-
22
4.1
-
DL
6R8
6.8
±30
1kHz
-
26
3.5
-
DM
8R2
8.2
±30
1kHz
-
28
3.1
-
EA
100
10
±20
1kHz
-
31
2.7
-
EB
120
12
±20
1kHz
-
34
2.6
-
EC
150
15
±20
1kHz
-
40
2.3
-
ED
180
18
±20
1kHz
-
46
2.2
-
EE
220
22
±20
1kHz
-
53
1.9
-
EF
270
27
±20
1kHz
-
64
1.5
-
EG
330
33
±20
1kHz
-
74
1.4
-
EH
390
39
±20
1kHz
-
86
1.3
-
EJ
470
47
±20
1kHz
-
100
1.2
-
EK
560
56
±20
1kHz
-
128
1.1
-
EL
680
68
±20
1kHz
-
150
1.1
-
EM
820
82
±20
1kHz
-
174
1.00
-
FA
101
100
±20
1kHz
-
209
0.95
-
FB
121
120
±20
1kHz
-
260
0.82
-
FC
151
150
±20
1kHz
-
348
0.73
-
DATA LIST (C8-K5LA Series)
C8-K5LA (Height : 5mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-30%
40K
(%)
(kHz)
typ.
typ.
DB
1R2
1.2
±30
1kHz
-
11
10.3
7.00
DD
1R8
1.8
±30
1kHz
-
12
9.0
6.20
DE
2R2
2.2
±30
1kHz
-
16
7.5
5.80
DG
3R3
3.3
±30
1kHz
-
19
6.8
5.00
DH
3R9
3.9
±30
1kHz
-
25
5.7
4.30
DJ
4R7
4.7
±30
1kHz
-
27
5.5
4.00
DK
5R6
5.6
±30
1kHz
-
35
4.8
3.50
DL
6R8
6.8
±30
1kHz
-
38
4.5
3.30
DM
8R2
8.2
±30
1kHz
-
42
4.2
3.10
EA
100
10
±20
1kHz
-
55
3.6
2.80
EB
120
12
±20
1kHz
-
60
3.40
2.70
EC
150
15
±20
1kHz
-
65
3.20
2.60
ED
180
18
±20
1kHz
-
77
2.80
2.30
EE
220
22
±20
1kHz
-
88
2.60
2.20
EF
270
27
±20
1kHz
-
112
2.40
1.90
EG
330
33
±20
1kHz
-
124
2.20
1.70
EH
390
39
±20
1kHz
-
134
2.10
1.60
EJ
470
47
±20
1kHz
-
160
1.80
1.50
EK
560
56
±20
1kHz
-
226
1.60
1.30
EL
680
68
±20
1kHz
-
250
1.50
1.10
EM
820
82
±20
1kHz
-
317
1.40
1.05
FA
101
100
±20
1kHz
-
352
1.30
0.95
FB
121
120
±20
1kHz
-
392
1.2
0.90
FC
151
150
±20
1kHz
-
438
1.1
0.85


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn