Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C3-K Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part No. C3-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C3-K Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

Back Button C3-K Datasheet HTML 3Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 4Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 10Page - Mitsumi Electronics, Corp. C3-K Datasheet HTML 11Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MITSUMI
DATA LIST (C5-K2.5R Series)
C5-K2.5R (Height : 2.6mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DB
1R2
1.2
±30
1kHz
-
15
3.40
4.00
DD
1R8
1.8
±30
1kHz
-
18
2.90
3.70
DE
2R2
2.2
±30
1kHz
-
22
2.40
3.30
DG
3R3
3.3
±30
1kHz
-
27
2.10
2.90
DH
3R9
3.9
±30
1kHz
-
32
1.90
2.70
DJ
4R7
4.7
±30
1kHz
-
37
1.80
2.50
DK
5R6
5.6
±30
1kHz
-
45
1.60
2.30
DL
6R8
6.8
±30
1kHz
-
50
1.50
2.10
DM
8R2
8.2
±30
1kHz
-
60
1.40
1.80
EA
100
10
±20
1kHz
-
68
1.30
1.70
EB
120
12
±20
1kHz
-
77
1.15
1.40
EC
150
15
±20
1kHz
-
104
1.00
1.20
ED
180
18
±20
1kHz
-
128
0.87
1.10
EE
220
22
±20
1kHz
-
147
0.75
1.05
EF
270
27
±20
1kHz
-
197
0.67
0.85
EG
330
33
±20
1kHz
-
220
0.62
0.78
EH
390
39
±20
1kHz
-
245
0.57
0.74
EJ
470
47
±20
1kHz
-
342
0.54
0.68
EK
560
56
±20
1kHz
-
384
0.51
0.63
EL
680
68
±20
1kHz
-
421
0.47
0.58
EM
820
82
±20
1kHz
-
469
0.43
0.55
FA
101
100
±20
1kHz
-
657
0.40
0.43
FB
121
120
±20
1kHz
-
755
0.36
0.40
FC
151
150
±20
1kHz
-
867
0.32
0.36
DATA LIST (C5-K3R Series)
C5-K3R (Height : 3mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
16
3.80
4.00
DC
1R5
1.5
±30
1kHz
-
19
3.20
3.60
DE
2R2
2.2
±30
1kHz
-
22
2.80
3.20
DF
2R7
2.7
±30
1kHz
-
26
2.40
2.80
DG
3R3
3.3
±30
1kHz
-
28
2.20
2.70
DJ
4R7
4.7
±30
1kHz
-
35
1.65
2.50
DK
5R6
5.6
±30
1kHz
-
38
1.55
2.20
DL
6R8
6.8
±30
1kHz
-
43
1.40
2.10
DM
8R2
8.2
±30
1kHz
-
47
1.30
2.00
EA
100
10
±20
1kHz
-
53
1.15
1.90
EB
120
12
±20
1kHz
-
67
1.05
1.70
EC
150
15
±20
1kHz
-
78
0.92
1.60
ED
180
18
±20
1kHz
-
98
0.87
1.45
EE
220
22
±20
1kHz
-
105
0.83
1.25
EF
270
27
±20
1kHz
-
128
0.70
1.10
EG
330
33
±20
1kHz
-
180
0.65
0.88
EH
390
39
±20
1kHz
-
205
0.60
0.77
EJ
470
47
±20
1kHz
-
255
0.53
0.75
EK
560
56
±20
1kHz
-
285
0.48
0.70
EL
680
68
±20
1kHz
-
316
0.45
0.67
EM
820
82
±20
1kHz
-
445
0.42
0.55
FA
101
100
±20
1kHz
-
495
0.38
0.49
FB
121
120
±20
1kHz
-
570
0.35
0.45
FC
151
150
±20
1kHz
-
645
0.32
0.36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn