Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ-1205S Datasheet(PDF) 1 Page - Recom International Power

Part # RKZ-1205S
Description  2 Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ-1205S Datasheet(HTML) 1 Page - Recom International Power

  RKZ-1205S Datasheet HTML 1Page - Recom International Power RKZ-1205S Datasheet HTML 2Page - Recom International Power RKZ-1205S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP7
4kV
(VDC)
(VDC)
(mA)
(%)
RKZ-xx3.3S
(H)
5, 9, 12, 15, 24
3.3
606
70
RKZ-xx05S
(H)
5, 9, 12, 15, 24
5
400
82-84
RKZ-xx09S
(H)
5, 9, 12, 15, 24
9
222
78-84
RKZ-xx12S
(H)
5, 9, 12, 15, 24
12
168
82-84
RKZ-xx15S
(H)
5, 9, 12, 15, 24
15
132
82-84
RKZ-xx24S
(H)
5, 9, 12, 15, 24
24
83
82-84
RKZ-xx3.3D
(H)
5, 9, 12, 15, 24
±3.3
±303
70-82
RKZ-xx05D
(H)
5, 9, 12, 15, 24
±5
±200
70-82
RKZ-xx09D
(H)
5, 9, 12, 15, 24
±9
±111
82-84
RKZ-xx12D
(H)
5, 9, 12, 15, 24
±12
±84
82-84
RKZ-xx15D
(H)
5, 9, 12, 15, 24
±15
±66
82-84
RKZ-xx24D
(H)
5, 9, 12, 15, 24
±24
±42
82-84
xx = Input Voltage
* add Suffix “P
P” for Continuous Short Circuit Protection, e.g. RKZ-0524D/P,
e.g. RKZ-0524D/HP has 4kV Isolation and is Short Circuit Protected.
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
2 Watt
SIP7
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RKZ
Series
Safety standards and approvals:
EN 60950, EN 60601 certified, rated for
250VAC
Custom Solutions Available
3kVDC & 4kVDC Isolation
UL94V-0 Package Material
Optional Continuous Short Circuit Protected
Efficiency to 84%
Features
Unregulated
Converters
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
35kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
134mW min. / 212mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Voltage
H-Suffix
(tested for 1 second)
4000VDC min.
Rated Working Voltage
H-Suffix
(long term isolation)
see Application Notes
Isolation Capacitance
30pF min. / 110pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
continued on next page
The RKZ Series of DC/DC Converters are fully certified to EN 60950-1. This makes them ideal for all Telecom and
safety applications where approved isolation is required.
EN 60950 is derived from IEC 950 and is equivalent to UL 1950 and CSA 950 standards.
Description
EN-60950-1 Certified
EN-60601-1 Certified
July-2006
www.recom-international.com
82


Similar Part No. - RKZ-1205S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-1205S RECOM-RKZ-1205S Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
More results

Similar Description - RKZ-1205S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
   2 Watt SIP7 Single and Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Isolated Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com