Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC15-243.3SRWZ Datasheet(PDF) 2 Page - Recom International Power

Part # REC15-243.3SRWZ
Description  15 Watt 1??x 2??Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-243.3SRWZ Datasheet(HTML) 2 Page - Recom International Power

  REC15-243.3SRWZ Datasheet HTML 1Page - Recom International Power REC15-243.3SRWZ Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
}DetailedInformationsee
Application Notes chapter "MTBF"
IOperating Temperature Range (Natural convection) 2:1
-25°C to +70°C (see Graph)
(with derating)
4:1
-25°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02%/°C
Relative Humidity
95% RH
Case Material
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded
Cooling Method
Natural convection
Package Weight
32g
EMI (Conducted & Radiated Emission)
EN 55022 class A
MTBF (+25°C)
using MIL-HDBK 217F
800 x 10
3 hours
(+40°C)
using MIL-HDBK 217F
245 x 10
3 hours
REC15-S_DRW(Z)/H
Series
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area) cont.
2.54
1.2ø+0.2/–0.1
2.54
2
1
5
4
3
2.54
1.0
2.54
1.2ø+0.2/–0.1
2.54
6
2
1
5
4
3
2.54
20.32
10.80
6.00
15.24
2
3
5
4
10.16
10.16
5.08
Bottom View
50.10
20.32
25.40
Top View
20.32
25.40
1
2
6
3
5
4
10.16
10.16
5.08
Bottom View
Top View
7.62
1
3rd angle
projection
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
1“ x 2“ PIN Package
Package Style and Pinning (mm) 1” x 2” , Wide Input 2:1 & 4:1
REC15-Series also available with Remote ON/OFF - Control
For detailed information please contact your RECOM representative.
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Viout
4
No Pin
Com
5
-Vout
-Vout
6
CTRL
CTRL
REC15-S_DRW(Z)/H/CTRL
July-2006
127
www.recom-international.com


Similar Part No. - REC15-243.3SRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-243.4S/H2/M RECOM-REC15-243.4S/H2/M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
REC15-243.4SZ/H2/M RECOM-REC15-243.4SZ/H2/M Datasheet
116Kb / 2P
   15 Watt Single & Dual Output
More results

Similar Description - REC15-243.3SRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
RAC15-K-480 RECOM-RAC15-K-480 Datasheet
2Mb / 6P
   15 Watt 2 x 1.6 Single Output
REV.: 0/2022
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com