Electronic Components Datasheet Search |
|
REC40-4805SRWBH Datasheet(PDF) 1 Page - Recom International Power |
|
REC40-4805SRWBH Datasheet(HTML) 1 Page - Recom International Power |
1 / 2 page www.recom-international.com 1 December-2006 40 Watt 2” x 2” Single, Dual & Triple Output ECONOLINE DC/DC-Converter REC40- S_D_TRWB /H Series ● 40W 2”x 2” Package (50.8x11.40x50.8mm) ● 1.6kVDC Isolation ● Wide Input 2:1 ● Regulated Output ● UL94V-0 Package Material ● Continuous Short Circuit Protection ● Vout Trim and ON/OFF Control Function ● Efficiency to 87% Features Regulated Converters Selection Guide Part Input Output Output Efficiency Number Voltage Voltage Current 12/24/48 2” x 2” (VDC) (VDC) (mA) (%) REC40-xx05SRWB/H 9-18, 18-36, 36-75 5 8000 85/87/88 REC40-xx12SRWB/H 9-18, 18-36, 36-75 12 3333 85/86/87 REC40-xx15SRWB/H 9-18, 18-36, 36-75 15 2666 85/86/87 REC40-xx24SRWB/H 9-18, 18-36, 36-75 24 1666 85/86/87 REC40-xx05DRWB/H 9-18, 18-36, 36-75 ±5 ±3500 82/83/84 REC40-xx12DRWB/H 9-18, 18-36, 36-75 ±12 ±1666 85/86/87 REC40-xx15DRWB/H 9-18, 18-36, 36-75 ±15 ±1320 85/86/87 REC40-xx0512TRWB/H 9-18, 18-36, 36-75 5/±12 5000/±600 85/86/87 REC40-xx0515TRWB/H 9-18, 18-36, 36-75 5/±15 5000/±500 85/86/87 2:1 xx = 9-18Vin = 12 xx = 18-36Vin = 24 xx = 36-75Vin = 48 * add suffix "CTRL" for optional Remote ON/OFF-Control Designed to meet EN-60950-1 Specifications (Core Operating Area) Input Voltage Range 2:1 Input Filter π type Output Voltage Accuracy ±2% max. Line Voltage Regulation Single & Dual ±0.5% max. Triple Output ±1%/±5% Load Voltage Regulation Single Output ±1% max. (10% to 100% full load ) Dual Output ±2% max. Triple Output ±3%/±5% Minimum Load Single/Dual Output 0% Triple Output 10% Ripple Single Output ±1% max. All Others <0.2% Vout +20mVp-p max. Noise Single Output 100mV min., ±1% max. All Others <0.5% Vout +50mVp-p max. Trim ±10% Operating Frequency REC40-12xx 200kHz typ. REC40-1205 250kHz typ. REC40-24xx/48xx 400kHz typ. Over Power Protection Works over 120% of rating and recovers automatically Over Voltage Protection Zener diode clamp Short Circuit Protection Hiccup, auto-recovery Efficiency at Full Load see table Continued on next page 120 100 20 60 100 0 -25 Operating Temperature (°C) 0 80 50 30 70 Safe Operating Area 40 40 REC40-24/48xx REC40 -12xx Derating-Graph (Ambient Temperature) |
Similar Part No. - REC40-4805SRWBH |
|
Similar Description - REC40-4805SRWBH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |