Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F07N-011-210-AGGE Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # F07N-011-210-AGGE
Description  mini SD Card Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

F07N-011-210-AGGE Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  F07N-011-210-AGGE Datasheet HTML 1Page - Mitsumi Electronics, Corp. F07N-011-210-AGGE Datasheet HTML 2Page - Mitsumi Electronics, Corp. F07N-011-210-AGGE Datasheet HTML 3Page - Mitsumi Electronics, Corp. F07N-011-210-AGGE Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MITSUMI
mini SD Card Connectors
MATERIAL & FINISH
Component Parts
Material
Finish
Housing
LCP resin
(Black)
Contact
Copper Alloy
Gold plating
CD Switch Vdd
Copper Alloy
Gold plating
CD Switch Vss
Copper Alloy
Gold plating
Plate
Copper Alloy
Tin plating
Slider
PA9T resin
(Black)
Half Lock
SUS
-
Coil Spring
SUS
-
Lock Pin
SUS
-
SPECIFICATIONS
Rated Voltage
AC 50V (rms)
Rated Current
0.5A
Withstanding Voltage
500V AC (rms) 1minute
Insulation Resistance
1000M
Ω min. (at 500V DC)
Contact Resistance
100m
Ω max.
ELECTRICAL CHARACTERISTICS
Life (Matching Cycle)
10,000times
Card Insertion Force
4.9N (0.5kgf) ~ 9.8N (1kgf)
Eject Force
4.9N (0.5kgf) ~ 9.8N (1kgf)
Using Temperature Range
-25~+85
°C
MECHANICAL CHARACTERISTICS


Similar Part No. - F07N-011-210-AGGE

ManufacturerPart #DatasheetDescription
logo
C&K Components
F07010102 CK-COMPONENTS-F07010102 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010106 CK-COMPONENTS-F07010106 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010107 CK-COMPONENTS-F07010107 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010108 CK-COMPONENTS-F07010108 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
F07010112 CK-COMPONENTS-F07010112 Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results

Similar Description - F07N-011-210-AGGE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
logo
Adam Technologies, Inc.
MSDPR-11-C-SG ADAM-TECH-MSDPR-11-C-SG Datasheet
94Kb / 1P
   MINI SD SOCKET
logo
STMicroelectronics
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
   6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
April 2014 Rev 1
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Red Lion Controls. Inc
NTCD-128 REDLION-NTCD-128 Datasheet
396Kb / 1P
   SD Card
logo
FCI connector
10067847-001RLF FCI-CONNECTOR-10067847-001RLF Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com