Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC2.2-4809SR Datasheet(PDF) 2 Page - Recom International Power

Part # REC2.2-4809SR
Description  2.2 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC2.2-4809SR Datasheet(HTML) 2 Page - Recom International Power

  REC2.2-4809SR Datasheet HTML 1Page - Recom International Power REC2.2-4809SR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
No Pin
–Vout
3
No Pin
Com
10
–Vout
Com
11
+ Vout
+ Vout
12
–Vin
–Vin
13
–Vin
–Vin
14
+ Vout
+ Vout
15
–Vout
Com
22
No Pin
Com
23
No Pin
–Vout
24
+Vin
+Vin
Package Style and Pinning (mm)
REC2.2-S_DR/H1
Series
ECONOLINE
DC/DC-Converter
32.00
10.20
3.81
2.06
1
Bottom View
Top View
12
11
10
3
2
13
14
15
22
23
24
15.24
20.30
2.54
1.00 ø+0.15/–0
0.51
2.54
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
20.32
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
1.50
25.40
10.90
Bottom View
23.40
25.40
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
24 PIN DIP SMD Package
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
All unused pins are
NC (No Connection).
SMD pin connections
follow standard
package pinning.
January-2007
95
www.recom-international.com


Similar Part No. - REC2.2-4809SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-4809SR/H1 RECOM-REC2.2-4809SR/H1 Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-4809SRW RECOM-REC2.2-4809SRW Datasheet
87Kb / 3P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-4809SRW/H1 RECOM-REC2.2-4809SRW/H1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-4809SRWH1AM RECOM-REC2.2-4809SRWH1AM Datasheet
87Kb / 3P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-4809SRWH1BM RECOM-REC2.2-4809SRWH1BM Datasheet
87Kb / 3P
   2.2 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC2.2-4809SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-053.3SRW RECOM-REC2.2-053.3SRW_07 Datasheet
87Kb / 3P
   2.2 Watt DIP24 & SMD Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com