Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC10-4815SRW Datasheet(PDF) 2 Page - Recom International Power

Part # REC10-4815SRW
Description  10 Watt 1??x 2??Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC10-4815SRW Datasheet(HTML) 2 Page - Recom International Power

  REC10-4815SRW Datasheet HTML 1Page - Recom International Power REC10-4815SRW Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
1.2ø+0.2/–0.1
2.54
2
1
5
4
3
2.54
1.0
2.54
1.2ø+0.2/–0.1
2.54
6
2
1
5
4
3
2.54
20.32
10.80
6.00
15.24
2
3
5
4
10.16
10.16
5.08
Bottom View
50.10
20.32
25.40
Top View
20.32
25.40
1
2
6
3
5
4
10.16
10.16
5.08
Bottom View
Top View
7.62
1
3rd angle
projection
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
1“ x 2“ PIN Package
Package Style and Pinning (mm) 1” x 2” , Wide Input 2:1 & 4:1
REC10-Series also available with Remote ON/OFF - Control
For order information please contact your RECOM representative.
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
6
CTRL
CTRL
}DetailedInformationsee
Application Notes chapter "MTBF"
Operating Temperature Range (Natural convection)
2:1
-25°C to +70°C (see Graph)
(with derating)
4:1
-25°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02%/°C
Relative Humidity
95% RH
Case Material
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded
Cooling Method
Natural convection
Package Weight
32g
EMI (Conducted & Radiated Emission)
EN 55022 class A
MTBF (+25°C)
using MIL-HDBK 217F
800 x 10
3 hours
(+70°C)
using MIL-HDBK 217F
256 x 10
3 hours
REC10-S_DRW(Z)/H
Series
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area) cont.
REC10-S_DRW(Z)/H/CTRL
July-2006
125
www.recom-international.com


Similar Part No. - REC10-4815SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-4815SRWL RECOM-REC10-4815SRWL Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC10-4815SRWLZ RECOM-REC10-4815SRWLZ Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - REC10-4815SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-123.3SE RECOM-RP10-123.3SE_06 Datasheet
101Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW_06 Datasheet
93Kb / 5P
   10 Watt 2??x 1??Package Single & Dual Output
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
logo
RSG Electronic Componen...
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
logo
Recom International Pow...
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RPA40-FR RECOM-RPA40-FR Datasheet
659Kb / 7P
   40 Watt 2“ x 1“ Single and Dual Output
REV.: 0/2023
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com