Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C8-H Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part No. C8-H
Description  Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

C8-H Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MITSUMI
Power Inductors
DATA LIST (C12-H Series)
C12-H3R
C12-H5R
Inductance
DC Resistance
Rated Current*
Distinctive
Name
Marking
Tolerance
(m
Ω)
(A)
(µH)
(%)
typ.
L-10%
∆t 40K
typ.
typ.
DA
1R0
1.0
±30
4.2
11.0
12.0
DD
1R8
1.8
±30
7.4
9.2
10.5
DF
2R7
2.7
±30
9.8
7.0
7.5
DH
3R9
3.9
±30
15.0
5.7
6.2
DJ
4R7
4.7
±30
23.0
4.7
6.0
DL
6R8
6.8
±30
32.0
4.3
4.8
DM
8R1
8.1
±30
35.0
4.0
4.5
EA
100
10.0
±20
41.0
3.8
4.2
Inductance
DC Resistance
Rated Current*
Distinctive
Name
Marking
Tolerance
(m
Ω)
(A)
(µH)
(%)
typ.
L-10%
∆t 40K
typ.
typ.
DC
1R5
1.5
±30
4.7
11.0
12.0
DE
2R4
2.4
±30
7.0
9.5
11.0
DG
3R3
3.3
±30
8.0
8.0
9.5
DJ
5R1
5.1
±30
13.0
7.5
9.0
DL
6R5
6.5
±30
15.0
7.0
8.5
DM
8R6
8.6
±30
19.0
6.5
7.5
EA
100
10.0
±20
24.0
5.5
6.0
C12-H7R
Inductance
DC Resistance
Rated Current*
Distinctive
Name
Marking
Tolerance
(m
Ω)
(A)
(µH)
(%)
typ.
L-10%
∆t 40K
typ.
typ.
DD
1R5
1.5
±30
2.7
14.0
16.5
DE
2R2
2.2
±30
3.6
12.8
14.5
DF
2R7
2.7
±30
3.9
10.5
14.0
DJ
4R7
4.7
±30
5.7
9.7
13.5
DK
5R6
5.6
±30
6.3
8.5
12.5
DM
8R2
8.2
±30
6.8
8.1
10.9
EA
100
10.0
±20
10.0
7.3
8.0


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn