Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-242.5SRW Datasheet(PDF) 1 Page - Recom International Power

Part # REC20-242.5SRW
Description  20 Watt 1??x 2??Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-242.5SRW Datasheet(HTML) 1 Page - Recom International Power

  REC20-242.5SRW Datasheet HTML 1Page - Recom International Power REC20-242.5SRW Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20 Watt
1” x 2”
Single
Output
ECONOLINE
DC/DC-Converter
REC20-
SRW/H
Series
20W 1”x 2” Package (50.1x25.4x10.8mm)
1.6kVDC Isolation
Wide Input 2:1
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Remote ON/OFF-Control for Single Types
Efficiency to 87%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
1” x 2”
(VDC)
(VDC)
(mA)
(%)
REC20-xx2.5SRW/H
18-36, 36-75
2.5
4000
83
REC20-xx3.3SRW/H
18-36, 36-75
3.3
4000
86
REC20-xx05SRW/H
18-36, 36-75
5
4000
87
2:1
xx = 18-36Vin = 24
xx = 36-75Vin = 48
* add suffix "CTRL" for optional Remote ON/OFF-Control
Derating-Graph
(Ambient Temperature)
Specifications (Core Operating Area)
Input Voltage Range
2:1
Input Filter
π type
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation (10% to 100% full load )
±1% max.
Ripple
110mVp-p max.
Noise
200mVp-p max.
Operating Frequency
400kHz typ.
Over Power Protection
Works over 120% of rating and recovers automatically
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Current limit, auto-recovery
Transient Response
500 us (100% to 50% full load at ±1% error band)
Efficiency at Full Load
87% max.
Isolation Voltage
(tested for 1 second)
1600VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
1000pF
Isolation Resistance
100 M
Ω min.
Operating Temperature Range (Natural convection)
(with derating)
-25°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02%/°C
Relative Humidity
MSL Level 1
95% RH
Case Material
Nickel-Plated Copper with Non-Conductive Base, Six-side Shielded
Cooling Method
Natural convection
Package Weight
32g
EMI (Conducted & Radiated Emission)
EN 55022 class A
MTBF (+25°C)
using MIL-HDBK 217F
>550 x 10
3 hours
(+40°C)
using MIL-HDBK 217F
193 x 10
3 hours
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
40
Designed to meet EN-60950-1
UL-60950-1 Pending
}DetailedInformationsee
Application Notes chapter "MTBF"
July-2006
www.recom-international.com
128


Similar Part No. - REC20-242.5SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-2424SRWB RECOM-REC20-2424SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2424SRWBH RECOM-REC20-2424SRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
More results

Similar Description - REC20-242.5SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
   1 - 2 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com