Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-123.3SRWB Datasheet(PDF) 2 Page - Recom International Power

Part # REC20-123.3SRWB
Description  20 Watt 2??x 2??Single, Dual & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-123.3SRWB Datasheet(HTML) 2 Page - Recom International Power

  REC20-123.3SRWB Datasheet HTML 1Page - Recom International Power REC20-123.3SRWB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.recom-international.com
December-2006
}DetailedInformationsee
Application Notes chapter "MTBF"
Remote On/Off
DC-DC ON
open or 2.2V>Vr>5V
DC-DC OFF
short to 0V or 0V<Vr<2.2V
Remote Off input current
Nominal Vin
5mA max.
Remote pin drive current
Vr=0V
-1.24mA max.
Over Load Protection
120% of rated load, recovers automatically
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup, auto-recovery
Efficiency at full load
see table
Isolation Voltage
(tested for 1 second)
1600VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
1000pF
Isolation Resistance
100 M
Ω min.
Operating Temperature Range
2:1
-25°C to +100°C (see Graph)
((Natural convection,with derating)
4:1
-25°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +105°C
Case Temperature
+100°C max.
Temperature Coefficient
±0.02%/°C
Relative Humidity
95% RH
Case Material
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded
Package Weight
70g
EMI (Conducted & Radiated Emission)
EN 55022 Class A
MTBF (+25°C)
using MIL-HDBK 217F
>550 x 10
3 hours
(+70°C)
using MIL-HDBK 217F
231 x 10
3 hours
REC20-S_D_TRWB(Z)/H
Series
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area) cont.
7
8
50.80
11.40
dia.
1.0
6.00
50.80
27.94
2
4
45.80
Bottom View
1
10.16
5.08
6
5
12.70
10.16
10.16
10.16
10.16
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
Dual
Triple
1
+Vin
+Vin
+Vin
2
–Vin
–Vin
–Vin
4
No Pin/CTRL
No Pin/CTRL No Pin/CTRL
5
NC
+Vout
+Vout
6
+Vout
Com
+5Vout
7
–Vout
–Vout
Com
8
Trim
Trim
–Vout
2“ x 2“ PIN Package
Package Style and Pinning (mm) 2” x 2” , Wide Input 2:1 & 4:1
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
Trim
+Vout
-Vout
Load
REC20-xx
0.1uF
Tant.
+Vout DC
-Vout DC
Scope
Output Noise
Measurement


Similar Part No. - REC20-123.3SRWB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-123.4S RECOM-REC20-123.4S Datasheet
356Kb / 6P
   20 Watt Single and Dual Output
REC20-123.4S RECOM-REC20-123.4S Datasheet
360Kb / 6P
   Continuous Short Circuit Protection
More results

Similar Description - REC20-123.3SRWB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP40-243.3SGW RECOM-RP40-243.3SGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com