Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS2672 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMS2672
Description  N-Channel UltraFET Trench MOSFET 200V, 20A, 77mohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS2672 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMS2672 Datasheet HTML 1Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 2Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 3Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 4Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 5Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 6Page - Fairchild Semiconductor FDMS2672 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDMS2672 Rev.C
www.fairchildsemi.com
6


Similar Part No. - FDMS2672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2672 FAIRCHILD-FDMS2672_12 Datasheet
319Kb / 7P
   N-Channel UltraFET Trench MOSFET 200V, 20A, 77m
More results

Similar Description - FDMS2672

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2672 FAIRCHILD-FDMS2672_12 Datasheet
319Kb / 7P
   N-Channel UltraFET Trench MOSFET 200V, 20A, 77m
FDMC2610 FAIRCHILD-FDMC2610 Datasheet
370Kb / 7P
   N-Channel UltraFET Trench MOSFET(200V, 9.5A, 200mohm)
ISL9N322AD3ST FAIRCHILD-ISL9N322AD3ST Datasheet
135Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672 FAIRCHILD-FDS2672 Datasheet
412Kb / 6P
   N-Channel UltraFET Trench짰 MOSFET 200V, 3.9A, 70m?
FDMC2610 FAIRCHILD-FDMC2610_12 Datasheet
620Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
FDMC2610 FAIRCHILD-FDMC2610_07 Datasheet
384Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 200V, 9.5A, 200m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com