Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-120515DRWIAM Datasheet(PDF) 2 Page - Recom International Power

Part # REC3-120515DRWIAM
Description  3 Watt DIP24 Isolated Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-120515DRWIAM Datasheet(HTML) 2 Page - Recom International Power

  REC3-120515DRWIAM Datasheet HTML 1Page - Recom International Power REC3-120515DRWIAM Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications (Core Operating Area)
REC3-DRWI/A
Series
ECONOLINE
DC/DC-Converter
Pin Connections
Pin #
Dual
2–Vin
3–Vin
9
+Vout 2
11
–Vout 2
14
+Vout 1
16
–Vout 1
22
+Vin
23
+Vin
NC = No Connection
Package Style and Pinning (mm) Wide Input 2:1
3.81
4.60
Bottom View
Top View
11
9
3
2
14
16
22
23
15.24
2.54
1.00 ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Package
Vin = 12, 24, 48V
Vin = 5V
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
100
60
20
40
100
50
0
-40
80
150
Operating Temperature °C
0
80
105
(1.5W) 50
(2W) 67
96
Safe Operating Area
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
105
(1.5W) 50
(2W) 67
98
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
13g
MTBF (+25°C)
using MIL-HDBK 217F
877 x 10
3 hours
(+80°C)
using MIL-HDBK 217F
138 x 10
3 hours
Detailed Information see
Application Notes chapter "MTBF"
January-2007
www.recom-international.com
110


Similar Part No. - REC3-120515DRWIAM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-120515DRWI/A RECOM-REC3-120515DRWI/A Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
More results

Similar Description - REC3-120515DRWIAM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
RP03-1233SB RECOM-RP03-1233SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-RAW RECOM-RP03-RAW Datasheet
878Kb / 9P
   3 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com