Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM-0509SP Datasheet(PDF) 1 Page - Recom International Power

Part # RBM-0509SP
Description  1 Watt SIP 6 Micro Size, Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBM-0509SP Datasheet(HTML) 1 Page - Recom International Power

  RBM-0509SP Datasheet HTML 1Page - Recom International Power RBM-0509SP Datasheet HTML 2Page - Recom International Power RBM-0509SP Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
32
www.recom-international.com
July-2006
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 6 Micro Size Package
(VDC)
(VDC)
(mA)
(%)
RBM-xx1.8S
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RBM-xx3.3S
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RBM-xx05S
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RBM-xx09S
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-79
RBM-xx12S
1.8, 3.3, 5, 9, 12, 15, 24
12
83
78-80
RBM-xx15S
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RBM-xx24S
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
RBM-xx1.8D
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RBM-xx3.3D
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RBM-xx05D
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
74-78
RBM-xx09D
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
76-79
RBM-xx12D
1.8, 3.3, 5, 9, 12, 15, 24
±12
±41
80-82
RBM-xx15D
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RBM-xx24D
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RBM-0505S/P, RBM-0505D/P
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
Single
101mW min. / 126mW typ. / 220mW max.
Dual
87mW min. / 130mW typ. / 230mW max.
Isolation Voltage
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 65pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
continued on next page
1 Watt
SIP 6 Micro
Size, Single &
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RBM
Series
Micro Size SIP 6 Package
Industry Standard Pinout
3kVDC Isolation
Optional Continuous Short Circuit Protected
Efficiency to 85%
Features
Unregulated
Converters
The RBM Micro Size DC/DC-Converter complements Recom’s industrial range of converters. This range is
widely used for pcb distributed power systems and combines small package size, high efficiency, 3kVDC
isolation and low output ripple.
The extended operating temperature range covering –40°C to +85°C is a standard feature. The full rated
power can be taken from a single pin of this dual output converter, provided this does not exceed 1 Watt.
Description
EN-60950-1 Certified
EN-60601-1 Certified


Similar Part No. - RBM-0509SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-0509S RECOM-RBM-0509S Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
More results

Similar Description - RBM-0509SP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-0505S RECOM-RBM-0505S Datasheet
134Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output-13
RP-053.3S RECOM-RP-053.3S_06 Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
R05P3.3S RECOM-R05P3.3S Datasheet
106Kb / 3P
   1 Watt SIP 7 Single & Dual Output
RXXPXX RECOM-RXXPXX Datasheet
161Kb / 2P
   1 Watt SIP 7 Single & Dual Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
   1 Watt SIP4 Micro Size Single Output
ROM RECOM-ROM Datasheet
97Kb / 3P
   1 Watt SIP4 Micro Size Single Output
R05P23.3S RECOM-R05P23.3S Datasheet
86Kb / 3P
   2 Watt SIP 7 Single & Dual Output
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com