Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1616N Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1616N
Description  Sync Discriminator for CRT Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1616N Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1616N Datasheet HTML 5Page - Sony Corporation CXA1616N Datasheet HTML 6Page - Sony Corporation CXA1616N Datasheet HTML 7Page - Sony Corporation CXA1616N Datasheet HTML 8Page - Sony Corporation CXA1616N Datasheet HTML 9Page - Sony Corporation CXA1616N Datasheet HTML 10Page - Sony Corporation CXA1616N Datasheet HTML 11Page - Sony Corporation CXA1616N Datasheet HTML 12Page - Sony Corporation CXA1616N Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
– 9 –
CXA1616N/S
(Ta = 25°C, VCC = 12V, See the Electrical Characteristics Test Circuit)
(
(
(
(
21
22
23
24
25
26
27
28
td3
thd
tcd1
tcd2
tcd3
QH
QL
ICC
Measures the delay difference
between the input signal sync and
HD for VIDEO IN (sync-on video)
input. The time from the input sync
fall time (50%) to the HD output
rise time (50%). Input signal C.
Compares the delay differences from
both the VIDEO IN (sync-on video)
input and the CS (composite sync)
input to the HD output. (Compares
Measurement No. 19 to 21).
Measures the delay difference
between HD and the clamp pulse
for CS (composite sync) input.
The time from the HD output fall time
(50%) to the clamp pulse output rise
time (50%). Input signal B.
Measures the delay difference
between HD and the clamp pulse
for CS (composite sync) input.
The time from the HD output fall time
(50%) to the clamp pulse output rise
time (50%). Input signal D.
Measures the delay difference
between HD and the clamp pulse
for VIDEO IN (sync-on video) input.
The time from the HD output fall time
(50%) to the clamp pulse output rise
time (50%). Input signal C.
Polarity and existence information
output of the sync signal.
Measures the High level voltage
under no load condition.
Polarity and existence information
output of the sync signal.
Measures the Low level voltage
under no load condition.
Vcc = 12V, measures the current
consumption for no input signal.
HD
Pin 18
Pin 20
HD
Pin 18
Pin 20
CLAMP
(Pin 10)
CLAMP
(Pin 10)
CLAMP
(Pin 10)
Q1 to Q4
Pin13 to17
Pin15 to19
Q1 to Q4
Pin13 to17
Pin15 to19
VCC
Pin 22
Pin 24
HD delay 3
HD delay
difference
Clamp pulse
delay 1
Clamp pulse
delay 2
Clamp pulse
delay 3
Logic output
voltage High
Logic output
voltage Low
Current
consumption
110
110
110
90
3.5
0
18
180
25
140
140
130
4.5
0.12
27
240
40
180
180
170
5.0
0.4
35
ns
ns
ns
ns
ns
V
V
mA
(
(
(
(
(
(
No.
Item
Symbol
Measurement description
Measure-
ment point
Max.
Typ.
Min.
Unit


Similar Part No. - CXA1616N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611N SONY-CXA1611N Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611P SONY-CXA1611P Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619AS SONY-CXA1619AS Datasheet
193Kb / 11P
   FM/AM Radio
More results

Similar Description - CXA1616N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2016S SONY-CXA2016S Datasheet
183Kb / 12P
   Sync Identification for CRT Display
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
   PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
   Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
List of Unclassifed Man...
WT8043 ETC-WT8043 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
logo
Rohm
BA9755S ROHM-BA9755S Datasheet
135Kb / 10P
   High voltage controller for CRT displays
logo
Sanyo Semicon Device
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
   Video Output Bias Circuit for CRT Displays?
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
   Video Output Bias Circuit for CRT Displays
logo
Rohm
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com