Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDAF59N30 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDAF59N30
Description  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDAF59N30 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDAF59N30 Datasheet HTML 1Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 2Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 3Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 4Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 5Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 6Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 7Page - Fairchild Semiconductor FDAF59N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDAF59N30 Rev. A
October 2006
UniFET
TM
FDAF59N30
300V N-Channel MOSFET
Features
• 34A, 300V, RDS(on) = 0.056Ω @VGS = 10 V
• Low gate charge ( typical 77 nC)
•Low Crss ( typical 80 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
TO-3PF
FDAF Series
G
S
D
Symbol
Parameter
FDAF59N30
Unit
VDSS
Drain-Source Voltage
300
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
34
20
A
A
IDM
Drain Current
- Pulsed
(Note 1)
136
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1734
mJ
IAR
Avalanche Current
(Note 1)
34
A
EAR
Repetitive Avalanche Energy
(Note 1)
16.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
161
1.3
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Min.
Max.
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
0.77
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


Similar Part No. - FDAF59N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDAF62N28 FAIRCHILD-FDAF62N28 Datasheet
721Kb / 8P
   280V N-Channel MOSFET
FDAF69N25 FAIRCHILD-FDAF69N25 Datasheet
635Kb / 8P
   250V N-Channel MOSFET
FDAF75N28 FAIRCHILD-FDAF75N28 Datasheet
726Kb / 8P
   280V N-Channel MOSFET
More results

Similar Description - FDAF59N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com