Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-243.3SRWZ Datasheet(PDF) 2 Page - Recom International Power

Part # REC3-243.3SRWZ
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-243.3SRWZ Datasheet(HTML) 2 Page - Recom International Power

  REC3-243.3SRWZ Datasheet HTML 1Page - Recom International Power REC3-243.3SRWZ Datasheet HTML 2Page - Recom International Power REC3-243.3SRWZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Derating-Graph
(Ambient Temperature)
Load Regulation (for output load current change from 20% to 100%)
±0.6% max.
Output Ripple and Noise (0,1µF capacitor on output, 20MHz BW)
50mVp-p max.
Switching Frequency at Full Load
2:1 Input types
90kHz min. / 150kHz max.
and nominal Input Voltage
4:1 Input types
120kHz min. / 180kHz max.
Input Filter
Pi Network
Efficiency at Full Load
see above
No Load Power Consumption
300mW max.
Isolation Voltage
H4 types
(tested for 1 second)
4000VDC min.
Rated Working Voltage
(see note)
(long term isolation)
see Application Notes
Isolation Voltage
H6 types
(tested for 1 second)
6000VDC min.
Rated Working Voltage
(see note)
(long term isolation)
see Application Notes
Isolation Capacitance
2:1 Input types
20pF min. / 60pF max.
4:1 Input types
40pF min. / 80pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature Range
5V input types
-40°C to +80°C (see Graph)
(free air convection)
others
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
13g
MTBF (+25°C)
using MIL-HDBK 217F
1043 x 10
3 hours
(+85°C)
using MIL-HDBK 217F
186 x 10
3 hours
Specifications (Core Operating Area)
REC3-S_DRW(Z)
/H4,H6 Series
120
100
20
60
125
75
0
-40
Operating Temperature (°C)
0
80
50
25
80
40
100
105
50
Safe Operating Area
Typical Characteristics
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212D
0515D
0512D
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
2405
2409
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2418
1205
2424
4805
Dual 2:1 Input
Single 2:1 Input
Single 2:1 Input
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412D/
H4
2415D/
H4
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405/
H4
243.3/
H4
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4805/
H4
483.3/
H4
Dual 4:1 Input
Single 4:1 Input
Single 4:1 Input
Vin = 5V
120
100
20
60
125
75
0
-40
Operating Temperature (°C)
0
80
50
25
85
40
100
105
50
Safe Operating Area
}DetailedInformationsee
Application Notes chapter "MTBF"
14-February-2007
www.recom-international.com
112


Similar Part No. - REC3-243.3SRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-243.3SRWZ RECOM-REC3-243.3SRWZ Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-243.3SRWZ/H1 RECOM-REC3-243.3SRWZ/H1 Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-243.3SRWZ/H4 RECOM-REC3-243.3SRWZ/H4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-243.3SRWZ/H6 RECOM-REC3-243.3SRWZ/H6 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
More results

Similar Description - REC3-243.3SRWZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com