Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC1.8-1215SR Datasheet(PDF) 2 Page - Recom International Power

Part # REC1.8-1215SR
Description  1.5/1.8 Watt DIP24 miniature & SMD Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC1.8-1215SR Datasheet(HTML) 2 Page - Recom International Power

  REC1.8-1215SR Datasheet HTML 1Page - Recom International Power REC1.8-1215SR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
63
July-2006
Pin Connections
Pin #
Single
1 & 24
+Vin
2 & 23
NC
3 & 21
NC
22
NC
10 & 15
–Vout
11 & 14
+Vout
12 & 13
–Vin
NC = No Connection
Package Style and Pinning (mm)
REC1.5-SR/H1 &
REC1.8-SR/H1 Series
ECONOLINE
DC/DC-Converter
14.50
10 11 12
24 23 22
15 14 13
21
1
3
2
1
32.30
18.70
9.60
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
10.20
2.54
17.24
27.94
19.27
1.54
2.03
Top View
8.89
2.54
16.0
3rd angle
projection
24 PIN DIP SMD Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Bottom View
Top View
16.4max.
0.25
9.60
0.50±0.05
2.54
4.10
32.30
14.50
32.35 max.
RECOM
REC1.8-0505SR/H1
****
16.10
12
11
10
2
1
24 23
15 14 13
3
21
22
2.54
2.54
1.0ø+0.15/–0
24 PIN DIP Miniature Package


Similar Part No. - REC1.8-1215SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10 RECOM-REC10 Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC10-1205D/H2/M RECOM-REC10-1205D/H2/M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
REC10-1205DRWL RECOM-REC10-1205DRWL Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC10-1205DRWZ RECOM-REC10-1205DRWZ Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC10-1205DRWZH RECOM-REC10-1205DRWZH Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
More results

Similar Description - REC1.8-1215SR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RV-3.33.3S RECOM-RV-3.33.3S_06 Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-33S RECOM-RV-33S Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com