Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

REC3-053.3SR Datasheet(PDF) 2 Page - Recom International Power

Part No. REC3-053.3SR
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-053.3SR Datasheet(HTML) 2 Page - Recom International Power

  REC3-053.3SR Datasheet HTML 1Page - Recom International Power REC3-053.3SR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
No Pin
–Vout
3
No Pin
Com
10
–Vout
Com
11
+Vout
+Vout
12
–Vin
–Vin
13
–Vin
–Vin
14
+Vout
+Vout
15
–Vout
Com
22
No Pin
Com
23
No Pin
–Vout
24
+Vin
+Vin
NC = No Connection
Package Style and Pinning (mm)
REC3-S_DR/H1
Series
ECONOLINE
DC/DC-Converter
32.00
10.20
3.81
2.06
1
Bottom View
Top View
12
11
10
3
2
13
14
15
22
23
24
15.24
20.30
2.54
1.00 ø+0.15/–0
0.51
2.54
3rd angle
projection
Recommended Footprint Details
24 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
20.32
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
1.50
25.40
10.90
Bottom View
23.40
25.40
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.14
27.94
26.54
1.60
2.40
Top View
24 PIN DIP SMD Package
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
All unused pins are
NC (No Connection).
SMD pin connections
follow standard
package pinning.
January-2007
105
www.recom-international.com


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
REC2.2-053.3SRW_072.2 Watt DIP24 & SMD Single & Dual Output 1 2 3 Recom International Power
REC1.5-053.3SR1.5/1.8 Watt DIP24 miniature & SMD Single Output 1 2 Recom International Power
RAC30-3.3SA30 Watt Single Dual & Triple Output 1 2 3 Recom International Power
REC3-050505DRWI_073 Watt DIP24 Isolated Dual Output 1 2 Recom International Power
RAC40-3.3SA40 Watt Single Dual & Triple Output 1 2 Recom International Power
RB-1.81.8S_061 Watt SIP7 & DIP14 Single & Dual Output 1 2 3 4 Recom International Power
RAA-0505S_065 Watt 25.00 x 23.50mm Single & Dual Output 1 2 Recom International Power
RBM-1.81.8S_061 Watt SIP 6 Micro Size Single & Dual Output 1 2 3 Recom International Power
RAC05-3.3SA5 Watt Single & Dual Output 1 2 Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn