Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

REC3-053.3SR Datasheet(PDF) 1 Page - Recom International Power

Part No. REC3-053.3SR
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-053.3SR Datasheet(HTML) 1 Page - Recom International Power

  REC3-053.3SR Datasheet HTML 1Page - Recom International Power REC3-053.3SR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
60
20
40
100
50
0
-40
80
150
Operating Temperature °C
0
80
Safe Operating Area
105
(1.5W) 50
(2W) 67
96
Derating-Graph
(Ambient Temperature)
Selection Guide
3 Watt
DIP24 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC3-
S_DR/H1
Series
3W DIP Package
1kVDC Isolation
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Internal SMD design
100% Burned In
Efficiency to 75%
Features
Regulated
Converters
Specifications (Core Operating Area)
Part
Input
Output
Max Cap.
Output
Number
Voltage
Voltage
Load
Current
DIP24 (SMD)
(VDC)
(VDC)
(µF)
(mA)
REC3-xx3.3SR/H1
5, 12, 24, 48
3.3
2200
800
REC3-xx05SR/H1
5, 12, 24, 48
5
1000
600
REC3-xx09SR/H1
5, 12, 24, 48
9
470
333
REC3-xx12SR/H1
5, 12, 24, 48
12
220
250
REC3-xx15SR/H1
5, 12, 24, 48
15
120
200
REC3-xx05DR/H1
5, 12, 24, 48
±5
±470
±300
REC3-xx09DR/H1
5, 12, 24, 48
±9
±220
±167
REC3-xx12DR/H1
5, 12, 24, 48
±12
±100
±125
REC3-xx15DR/H1
5, 12, 24, 48
±15
±68
±100
xx = Input Voltage
* add suffix "/SMD" for SMD package, e.g. REC3-2405SR/H1/SMD
Input Voltage Range
±15%
Output Voltage Accuracy
±3% typ.
Line Voltage Regulation
±0.5% max
Load Voltage Regulation (10% to 100% full load )
±1% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
75kHz min.
Efficiency at Full Load
65% min.
No Load Power Consumption
300mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
30pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +80°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
12g
MTBF (+25°C)
using MIL-HDBK 217F
950 x 10
3 hours
(+80°C)
using MIL-HDBK 217F
145 x 10
3 hours
}DetailedInformationsee
Application Notes chapter "MTBF"
January-2007
www.recom-international.com
104
UL-60950-1 Certified


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
REC2.2-053.3SRW_07 2.2 Watt DIP24 & SMD Single & Dual Output 1  2  3  Recom International Power
REC1.5-053.3SR 1.5/1.8 Watt DIP24 miniature & SMD Single Output 1  2  Recom International Power
RAC30-3.3SA 30 Watt Single Dual & Triple Output 1  2  3  Recom International Power
REC3-050505DRWI_07 3 Watt DIP24 Isolated Dual Output 1  2  Recom International Power
RAC40-3.3SA 40 Watt Single Dual & Triple Output 1  2  Recom International Power
RB-1.81.8S_06 1 Watt SIP7 & DIP14 Single & Dual Output 1  2  3  4  Recom International Power
RAA-0505S_06 5 Watt 25.00 x 23.50mm Single & Dual Output 1  2  Recom International Power
RBM-1.81.8S_06 1 Watt SIP 6 Micro Size Single & Dual Output 1  2  3  Recom International Power
RAC05-3.3SA 5 Watt Single & Dual Output 1  2  Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn