Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH211 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH211
Description  TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH211 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH211 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH211 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211
1
Mar. 2007 Rev. 1.3
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AH211 is an integrated Hall sensor with output
driver and frequency generator designed for electronic
commutation of brush-less DC motor applications. The
device includes an on-chip Hall sensor for magnetic
sensing, an amplifier that amplifies the Hall voltage, a
Schmitt trigger to provide switching hysteresis for
noise rejection, a temperature compensation circuit to
compensate the temperature drift of Hall sensitivity,
two complementary open-collector drivers for sinking
large load current. It also includes an internal band-gap
regulator which is used to provide bias voltage for
internal circuits.
Place the device in a variable magnetic field, while the
magnetic flux density is larger than threshold BOP, DO
will be turned on (low) and DOB (and FG) will be
turned off (high). This output state is held till the mag-
netic flux density reversal falls below BRP causing DO
to be turned off (high) and DOB (and FG) turned on
(low).
AH211 is available in TO-94 (SIP-4L) package.
Features
·
On-Chip Hall Sensor
·
3.5V to 16V Supply Voltage
·
400mA (avg) Output Sink Current
·
-20oC to 85oC Operating Temperature
·
Built-in FG Output
·
Low Profile TO-94 (SIP-4L) Package
·
ESD Rating: 300V (Machine Model)
Applications
·
Dual-Coil Brushless DC Motor
·
Dual-Coil Brushless DC Fan
·
Revolution Counting
·
Speed Measurement
Figure 1. Package Type of AH211
TO-94


Similar Part No. - AH211

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-AE1 DIODES-AH211Z4-AE1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-AG1 DIODES-AH211Z4-AG1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-BE1 DIODES-AH211Z4-BE1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH211Z4-BG1 DIODES-AH211Z4-BG1 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
More results

Similar Description - AH211

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS278 ANACHIP-ATS278 Datasheet
210Kb / 6P
   Two Phase Hall Effect Latch With FG Output
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
   TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
   TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Unisonic Technologies
UH211 UTC-UH211 Datasheet
204Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
   High Sensitivity Hall Effect Sensor IC with FG Output
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
   HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Allegro MicroSystems
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
   Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com