Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR7929 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. CR7929
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR7929 Datasheet(HTML) 3 Page - NXP Semiconductors

  CR7929 Datasheet HTML 1Page - NXP Semiconductors CR7929 Datasheet HTML 2Page - NXP Semiconductors CR7929 Datasheet HTML 3Page - NXP Semiconductors CR7929 Datasheet HTML 4Page - NXP Semiconductors CR7929 Datasheet HTML 5Page - NXP Semiconductors CR7929 Datasheet HTML 6Page - NXP Semiconductors CR7929 Datasheet HTML 7Page - NXP Semiconductors CR7929 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Mar 09
3
Philips Semiconductors
Preliminary specification
Triple video driver hybrid amplifier
CR7929
CHARACTERISTICS
VS =85 V; Tmb =25 °C; CL = 10 pF; output swing = 45 V (p-p) with 42.5 V DC offset (see Fig.3); unless otherwise
specified.
Notes
1. Input signal is a 100 kHz square wave of 3.5 V (p-p) with 850 mV DC offset (50
Ω source), without R
level.
2. Sinewave output signal: 1 V (p-p).
3. Measured VO/VI at input test circuit.
4. Measured VO/VI at input module.
APPLICATION NOTES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per amplifier
IS
supply current
open input and open output
tbd
tbd
tbd
mA
Ptot
total power dissipation
25 MHz square wave
tbd
tbd
W
tr
rise time transient response
10 to 90%; note 1
2.2
2.7
ns
tf
fall time transient response
10 to 90%; note 1
1.9
2.3
ns
BW
small signal bandwidth
between
−3 dB points; note 2
tbd
tbd
MHz
Vos
overshoot voltage (rise and fall
time)
adjustable by C1 and C2;
see Fig.3
810
%
NLN
non-linearity
VO =10to75V
25%
AV
DC voltage gain
50
Ω source; note 3
13.8
15
16.2
V/V
VG
insertion gain
50
Ω source; note 4
tbd
tbd
tbd
V/V
Fig.2 Block diagram, single amplifier.
handbook, halfpage
4.3 k
150 k
680 pF
input
output
1.5 V
MDA861
VS


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6929ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn