Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR7929 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. CR7929
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR7929 Datasheet(HTML) 2 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Mar 09
2
Philips Semiconductors
Preliminary specification
Triple video driver hybrid amplifier
CR7929
FEATURES
• Transition times (10 to 90%) with 45 V (p-p) swing and
CL =10 pF:
– rise time (typ.) 2.2 ns
– fall time (typ.) 1.9 ns
• Small 11-pin package
• Design optimized for excellent smearing performance
• Gold metallization for highest reliability.
APPLICATIONS
• Top-end colour cathode-ray tube (CRT) monitors with
pixel frequencies up to 300 MHz.
DESCRIPTION
The CR7929 is a 3-channel hybrid RGB-amplifier module
in an11-pin SOT451A package.
Succeeding the succesful CR6927, CR6928 and CR6929
families, the CR7929 is a pin-compatible next step in
high-bandwidth active load amplifiers. Being an active
load, CR7929 combines a high bandwidth with a relatively
low and constant dissipation. Its optimized design,
together with innovative application recommendations,
ensures excellent smearing performance.
PINNING
PIN
DESCRIPTION
1
input 1
2, 6, 10
ground
3
output 1
4, 8
supply voltage (VS)
5
input 2
7
output 2
9
input 3
11
output 3
Fig.1 Simplified outline SOT451A.
handbook, halfpage
111
Front view
MBK056
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VS
supply voltage (DC)
110
V
Tmb
operating mounting base temperature
−20
+100
°C
Tstg
storage temperature
−40
+125
°C
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VS
supply voltage (DC)
90
V
Tmb
operating mounting base temperature
−20
+100
°C
Tstg
storage temperature
−40
+125
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6929ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn