Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CR7929 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. CR7929
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

CR7929 Datasheet(HTML) 6 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 Mar 09
6
Philips Semiconductors
Preliminary specification
Triple video driver hybrid amplifier
CR7929
PACKAGE OUTLINE
UNIT
cD
b
A
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-06-26
IEC
JEDEC
EIAJ
mm
0.25
2.54
0.56
0.46
28.3
27.9
13.9
13.5
2.2
1.8
23.8
23.4
6.2
5.8
25.4
25.0
5.9
5.5
4.2
3.8
2.0
1.6
5.2
4.8
Q
FS
U
20.4
20.0
U1
v
0.25
0.3
w
0.1
y
DIMENSIONS (mm are the original dimensions)
SOT451A
0
5
10 mm
scale
E
GL
p
Ceramic single-ended flat package; heatsink mounted; 1 mounting hole;
11 in-line gold-metallized leads
SOT451A
U
e
b
c
L
G
S
D
p
A
Q
w M
111
F
E
U1
v A
y
A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1296Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6929ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
MHW3628Triple Video Driver Hybrid Amplifier 1 2 3 Motorola, Inc
CR5427Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5527STriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR5627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6627Triple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6727ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6728ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors
CR6729ATriple video driver hybrid amplifier 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn