Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS321 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part No. AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS321 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AS321 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS321 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LOW POWER SINGLE OPERATIONAL AMPLIFIER
AS321
Data Sheet
2
Jul. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
OUTPUT
INPUT +
INPUT -
VEE
Figure 2. Pin Configuration of AS321 (Top View)
Figure 3. Functional Block Diagram of AS321
Pin Configuration
K Package
(SOT-23-5L)
1
3
4
5
2
VCC
Q2
Q4
Q3
Q1
Q8
Q9
6
µA
4
µA
Q10
Q11
50
µA
Q5
Q6
Q13
Rsc
Cc
100
µA
Q7
INPUT+
OUTPUT
Q12
V
CC
VEE
INPUT-


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TS321_05 Low Power Single Operational Amplifier 1  2  3  4  5  More STMicroelectronics
TL062_05 LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
NE5534 Single Low Noise Operational Amplifier 1  2  3  4  5  More ON Semiconductor
ICL8021 High Reliability Low Power Bipolar Operational Amplifier 1  2  3  4  5  Intersil Corporation
LM2904W_06 Low power dual operational amplifier 1  2  3  4  5  More STMicroelectronics
TS951_05 Input/Output Rail-to-Rail Low Power Operational Amplifier 1  2  3  4  5  More STMicroelectronics
MC33171_06 Single Supply 3.0 V to 44 V Low Power Operational Amplifiers 1  2  3  4  5  More ON Semiconductor
LM2902W LOW POWER QUAD OPERATIONAL AMPLIFIER 1  2  3  4  5  More STMicroelectronics
AZV321 SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn