Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2213M-3.3E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213M-3.3E1
Description  500mA LOW NOISE LDO REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213M-3.3E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP2213M-3.3E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213M-3.3E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
5
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
20
V
Enable Input Voltage
VEN
20
V
Power Dissipation
PD
Internally Limited (Thermal Protection)
W
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-65 to 150
oC
ESD (Machine Model)
ESD
300
V
Thermal Resistance (No Heatsink)
θ
JA
TO-252-2 (1)
90
oC/W
SOIC-8
160
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Supply Input Voltage
VIN
2.5
18
V
Enable Input Voltage
VEN
018
V
Operating Junction Temperature
TJ
-40
125
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AP2213M-3.3E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213M-3.3E1 BCDSEMI-AP2213M-3.3E1 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
logo
Diodes Incorporated
AP2213M-3.3E1 DIODES-AP2213M-3.3E1 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results

Similar Description - AP2213M-3.3E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com