Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5901A Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901A
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901A Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
11
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
AM5901A
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BSEN Pin Leak Current
IBSNL
VSYS1=VSYS2=0V, BSEN=4.5V
1
µA
SEL Pin Detection Voltage
VSELTH
VSELTH=BATT-SEL, BSEN=2V
1.35
V
SEL Pin Detection Current
ISELT
-15
µA
(Reset Section)
VSYS1 Reset Threshold Voltage
Ratio
HSRT
Ratio of VSYS1 voltage and error-
amp threshold voltage
82.98
90
97.2
%
RESET Detection Hysteresis
Width
VRSTHS
10
50
100
mV
RESET Pin Output Voltage
VRST
IO=1mA, VSYS1=VSYS2=2.8V
0.5
V
RESET Pin Pull-up Resistance
RRST
72
90
108
k
AMUTE Pin Output Voltage 1
VAMTI
IO=-1mA, VSYS1=VSYS2=2.8V
BATT
-0.4
BATT
V
AMUTE Pin Output Voltage 2
VAMT2
Ι
O=−1mA, START=0V,
VSYS1=VSYS2=0V
BATT
-0.4
BATT
V
AMUTE Pin Pull Down Resis-
tance
RAMT
77
95
113
k
(Operational Amplifier Section)
Input Bias Current
IBIAS
OP+=1.6V
300
nA
Input Offset Voltage
VIOOP
-5.5
0
5.5
mV
High Level Output Voltage
VOHOP
RL=OPEN
2.8
V
Low Level Output Voltage
VOLOP
RL=OPEN
0.2
V
Output Driver Current (Source)
ISOU
Output shorted to GND By 50
-6.5
-3
mA
Output Driver Current (Sink)
ISIN
Output shorted to VSYS By 50
0.3
0.7
2.2
mA
Open Loop Voltage GAIN
GVO
VIN=-75dBV, f=1kHz
70
dB
Slew Rate
SR
0.5
V/
µs
(Charging Circuit Section)
SEL Pin Charging Current
ISEL
CHGVCC=4.5V, RCHG=1.8kΩ,
VSEL=4.5V
80
150
250
mA
RCHG Pin Bias Voltage
VRCHG
CHGVCC=4.5V, RCHG=1.8kΩ
0.745
0.81
0.960
V
RCHG Pin Output Resistance
RRCHG
CHGVCC=4.5V, RCHG=0.5 and 0.6V
0.75
0.95
1.2
k
SEL Pin Leak Current 1
ISELLK1
CHGVCC=4.5V, RCHG=OPEN
BATT=4.5V
1.2
µA
SEL Pin Leak Current 2
ISELLK2
CHGVCC=0.6V, RCHG=1.8kΩ
BATT=4.5V
1.2
µA
SEL Pin Saturation Voltage
VSELCG
CHGVCC=4.5V, IO=300mA,
RCHG=0
0.45
1
V
Electrical Characteristics (Continued)


Similar Part No. - AM5901A

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM5920N ANALOGPOWER-AM5920N Datasheet
158Kb / 3P
   Dual N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5920N-T1-PF VBSEMI-AM5920N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5922N ANALOGPOWER-AM5922N Datasheet
345Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5922N-T1-PF VBSEMI-AM5922N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5931P ANALOGPOWER-AM5931P Datasheet
59Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM5901A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
   4-Channel driver Power Controller
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Rohm
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
logo
Aimtron Technology
AT5802 AIMTRON-AT5802 Datasheet
258Kb / 12P
   Preliminary 4-Channel driver Power Controller
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com