Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS393 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS393_06 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393_06 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
4
Aug. 2006 Rev. 1.6
Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
236
V
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VO=1.4V, RS=0Ω,
VCC=5V to 30V
AS393
1.0
5.0
mV
7
AS393A
1.0
3.0
5
Input Bias Current
IIN+ or IIN- with output in Linear Range,
VCM=0V
25
250
nA
400
Input Offset Current
IIN+-IIN -, VCM=0V
5.0
50
nA
200
Input Common Mode
Voltage Range (Note 4)
VCC=30V
0
VCC -1.5
V
Supply Current
RL=
VCC=5V
0.6
1.0
mA
2
VCC=30V
0.7
1.7
3
Voltage Gain
VCC=15V, RL≥15kΩ, VO=1V to 11V
50
200
V/mV
Large Signal Response
Time
VIN =TTL Logic Swing, VREF=1.4V,
VRL=5V, RL=5.1k
200
ns
Response Time
VRL=5V, RL=5.1K
1.3
µs
Output Sink Current
VIN-=1V, VIN+=0, VO=1.5V
6.0
16
mA
Output LeackageCurrent
VIN-=0V, VIN+=1V, VO=5V
0.1
nA
VIN-=0V, VIN+=1V, VO=30V
1
µA
Saturation Voltage
VIN-=1V, VIN+=0, ISINK≤4mA
200
400
mV
500
Limits in standard typeface are for TA=25
oC, bold typeface applies over T
A=-40
oC to 85oC (Note 3), V
CC=5V, GND=0V,
unless otherwise specified.
Note 3: These specifications are limited to -40oC≤ TA ≤85
oC. Limits over temperature are guaranteed by design,
but not tested in production.
Note 4: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by
more than 0.3V (at 25oC). The upper end of the common-mode voltage range is VCC-1.5V (at 25
oC), but either or
both inputs can go to +18V without damages, independent of the magnitude of the VCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AS393 LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  BCD Semiconductor Manufacturing Limited
AZ393 LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  BCD Semiconductor Manufacturing Limited
AZ393_06 LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
LM393_06 Low Offset Voltage Dual Comparators 1  2  3  4  5  More ON Semiconductor
LM193 Low Power Dual Voltage Comparators 1  2  3  4  5  More STMicroelectronics
AS339 LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
LM2903H LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics
AZ339 LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1  2  BCD Semiconductor Manufacturing Limited
AZ339 LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
AZ339_06 LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn