Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6208BM Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # 6208BM
Description  REVERSIBLE MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

6208BM Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  6208BM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 6208BM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REVERSIBLE MOTOR DRIVER
AZ6208B
Data Sheet
5
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Maximum Motor Current
IOUT
500
mA
Power Dissipation
PD
700 (Note 2, 3)
mW
Storage Temperature Range
TSTG
-55 to 150
oC
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Note 2: Power dissipation is reduced by 7 mW for each increase in TA of 1
oC over 25oC.
Note 3: Only apply for SOIC-8 package.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
15
V
Operating Temperature
TA
070
oC
Recommended Operating Conditions
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
0 to 70oC
AZ6208BM
AZ6208BM-E1
6208BM
6208BM-E1
Tube
AZ6208BMTR
AZ6208BMTR-E1
6208BM
6208BM-E1
Tape & Reel
SIP-9
0 to 70oC
AZ6208BQ9
AZ6208BQ9-E1
AZ6208BQ9
AZ6208BQ9-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AZ6208B
-
Q9: SIP-9
TR: Tape and Reel
Blank: Tube


Similar Part No. - 6208BM

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6208 FESTO-6208 Datasheet
52Kb / 1P
   End stop signal generator
logo
TE Connectivity Ltd
62080-1 TEC-62080-1 Datasheet
49Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Intersil Corporation
620834 INTERSIL-620834 Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Micropac Industries
62086 MICROPAC-62086 Datasheet
67Kb / 2P
   High output, 850nm
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results

Similar Description - 6208BM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com