Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2302S5TR-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302S5TR-E1
Description  3A DDR TERMINATION REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302S5TR-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302S5TR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302S5TR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
7
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
25
50
75
100
125
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
V
CNTL
=3.3V
V
REFEN
=1.0V
Junction Temperature (
oC)
V
IN
=0.9V
V
IN
=0.85V
V
IN
=0.8V
25
50
75
100
125
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
V
CNTL
=5.0V
V
REFEN
=1.0V
Junction Temperature (
oC)
V
IN
=0.9V
V
IN
=0.85V
V
IN
=0.8V
Typical Performance Characteristics (Continued)
Figure 10. RDS(on) vs. Junction Temperature
Figure 11. RDS(on) vs. Junction Temperature
Figure 8. 0.9VTT at 3A Transient Response
Figure 9. 1.25VTT at 3A Transient Response
Time (
µs)
Time (
µs)
20
-20
3
-3
(Conditions: VIN=2.5V, VCNTL=3.3V, COUT=10µF)
(Conditions: VIN=2.5V, VCNTL=3.3V, COUT=10µF)
0
40
-1
1
-5
20
-20
3
-3
0
40
-1
1
-5


Similar Part No. - AP2302S5TR-E1

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP2302AGN ZPSEMI-AP2302AGN Datasheet
423Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2302GN A-POWER-AP2302GN Datasheet
70Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2302S5TR-E1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com